Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3412 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MC10XS3412
Description  Quad High Side Switch (Dual 10m廓, Dual 12m廓)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC10XS3412 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
10XS3412
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
The SPI fault report (SC[0:3] bits) is removed after a read
operation.
Over-voltage Fault (Enabled by default)
By default, the over-voltage protection is enabled. The
10XS3412 shuts down all outputs and FS will go to logic [0]
during an over-voltage fault condition on the VPWR pin
(VPWR > VPWR(OV)). The outputs remain in the OFF state until
the over-voltage condition is removed (VPWR < VPWR(OV) -
VPWR(OVHYS)). When experiencing this fault, the OVF fault bit
is set to logic [1] and cleared after either a valid SPI read.
The over-voltage protection can be disabled through SPI
(OV_dis bit is disabled set to logic [1]). The fault register
reflects any over-voltage condition (VPWR > VPWR(OV)). This
over-voltage diagnosis, as a warning, is removed after a read
operation, if the fault condition disappears. The HS[0:3]
outputs are not commanded in RDS(ON) above the OV
threshold.
In Fail-safe Mode, the over-voltage activation depends on
the RST logic state: enable for RST = 1 and disable for
RST = 0. The device is still protected with over-temperature
protection in case the over-voltage feature is disabled.
Under-voltage Fault
The output(s) will latch off at some battery voltage below
VPWR(UV). As long as the VDD level stays within the normal
specified range, the internal logic states within the device will
remain (configuration and reporting).
In the case where battery voltage drops below the under-
voltage threshold (VPWR < VPWR(UV)), the outputs will turn off,
FS will go to logic [0], and the fault register UV bit will be set
to [1].
Two cases need to be considered when the battery level
recovers (VPWR > VPWR(UV)_UP):
•If outputs command are low, FS will go to logic [1] but the
UV bit will remain set to 1 until the next read operation
(warning report).
•If the output command is ON, FS will remain at logic [0].
To delatch the fault and be able to turn ON again the
outputs, the failure condition must disappear and the
autoretry circuitry must be active or the corresponding
output must be commanded OFF and then ON (toggling
fault_control signal of corresponding output) or
VSUPPLY(POR) condition if VDD = 0.
In extended mode, the output is protected by over-
temperature shutdown circuitry. All previous latched faults,
occurred when VPWR was within the normal voltage range,
are guaranteed if VDD is within the operational voltage range
or until VSUPPLY(POR) if VDD = 0. Any new OT fault is
detected (VDD failure included) and reported through SPI
above VPWR(UV). The output state is not changed as long as
the VPWR voltage does not drop any lower than 3.5V typical.
All latched faults (over-temperature, over-current, severe
short-circuit, over and under-voltage) are reset if:
•VDD < VDD(FAIL) with VPWR in nominal voltage range,
•VDD and VPWR supplies is below VSUPPLY(POR) voltage
value.


Similar Part No. - MC10XS3412

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CHFK FREESCALE-MC10XS3412CHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
MC10XS3412CPNA FREESCALE-MC10XS3412CPNA Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

Similar Description - MC10XS3412

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com