Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8366 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8366
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366 Datasheet(HTML) 2 Page - Analog Devices

  AD8366 Datasheet HTML 1Page - Analog Devices AD8366 Datasheet HTML 2Page - Analog Devices AD8366 Datasheet HTML 3Page - Analog Devices AD8366 Datasheet HTML 4Page - Analog Devices AD8366 Datasheet HTML 5Page - Analog Devices AD8366 Datasheet HTML 6Page - Analog Devices AD8366 Datasheet HTML 7Page - Analog Devices AD8366 Datasheet HTML 8Page - Analog Devices AD8366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AD8366
Preliminary Technical Data
Rev. PrC | Page 2 of 13
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution...................................................................................5
Pin Configuration and Function Descriptions..............................6
Typical Performance Characteristics ..............................................7
APPLICATIONS SCHEMATIC......................................................8
Parallel and SERIAL Interface timing.............................................9
Outline Dimensions ....................................................................... 13
REVISION HISTORY
10/07—Revision PrA: Initial Version
02/08—Revision PrB: Updated Performance Specifications
06/08—Revision PrC: Evaluation Board Section


Similar Part No. - AD8366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8366 AD-AD8366 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366 AD-AD8366 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
More results

Similar Description - AD8366

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
   Gain Trim Amplifier (GTA)
logo
Analog Devices
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
   10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
logo
Analog Devices
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
   20 MHz to 500 MHz Dual IF Amplifier
logo
Teledyne Technologies I...
AGS555 TELEDYNE-AGS555 Datasheet
101Kb / 1P
   10 TO 500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
   20 MHz to 500 MHz IF Gain Blocks
Rev. PrD 5/07
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
   20 MHz to 500 MHz IF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com