Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8295 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8295
Description  Precision Instrumentation Amplifier with Signal Processing Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8295 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8295 Datasheet HTML 20Page - Analog Devices AD8295 Datasheet HTML 21Page - Analog Devices AD8295 Datasheet HTML 22Page - Analog Devices AD8295 Datasheet HTML 23Page - Analog Devices AD8295 Datasheet HTML 24Page - Analog Devices AD8295 Datasheet HTML 25Page - Analog Devices AD8295 Datasheet HTML 26Page - Analog Devices AD8295 Datasheet HTML 27Page - Analog Devices AD8295 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8295
Rev. 0 | Page 25 of 2
8
DRIVING DIFFERENTIAL ADCs
Figure 65 shows how to configure the AD8295 to drive a differ-
ential ADC. The circuit shown uses very little board space and
consumes little power. With the AD7690, this configuration
gives excellent dc performance and a THD of 83 dB (10 kHz
input). For applications that need better distortion performance,
a dedicated ADC driver, such as the ADA4941-1 or ADA4922-1
is recommended.
The 500 Ω resistors and the 2.2 nF capacitors form a low-pass,
antialiasing filter at 144 kHz. The four elements of the filter also
prevent the switching transients produced by a typical SAR
converter from destabilizing the AD8295. The capacitors provide
charge to the switched capacitor front end of the ADC, and the
resistors shield the AD8295 from driving any sharp current
changes. If the application requires a lower frequency anti-
aliasing filter than the one shown, increasing the capacitor
values produces much better distortion results than increasing
the resistor values.
The 500 Ω resistors also give the ADC protection against over-
voltage. Because the AD8295 runs on wider supply voltages
than a typical ADC, there is a possibility of overdriving some
converters. This is not an issue with a PulSAR® ADC, such as
the AD7690, because its input can handle a 130 mA overdrive,
which is much higher than the short-circuit limit of the AD8295.
However, other converters have less robust inputs and may
benefit from the resistive protection.
A1
OUT
A1
R2
A2
+IN
A2
–IN
–IN
–INPUT
+INPUT
RG
+VS
+7V
0.1µF
–VS
–7V
OUT
REF
RG
+IN
IN– GND
REF
VDD
IN+
1
2
3
4
8
7
6
5
13
14
15
16
A1
IA
A2
R1
20kΩ
R2
20kΩ
A2
OUT
+5V
+
AD8295
ADR435
AD7690
A1
+IN
10µF
+2.5V
+OUT
500Ω
10kΩ
10kΩ
500Ω
2.2nF
2.2nF
–OUT
A1
R1
A1
–IN
12
11
10
9
0.1µF
+5V
0.1µF
0.1µF
+5V
+7V
0.1µF
Figure 65. Driving a Differential ADC


Similar Part No. - AD8295

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8295 AD-AD8295 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8295 AD-AD8295 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8295 AD-AD8295 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8295 AD-AD8295 Datasheet
805Kb / 28P
   Wide Supply Range, Rail-to-Rail
REV. 0
AD8295 AD-AD8295 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
More results

Similar Description - AD8295

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com