Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5765BSUZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5765BSUZ
Description  Complete Quad, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5765BSUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5765BSUZ Datasheet HTML 4Page - Analog Devices AD5765BSUZ Datasheet HTML 5Page - Analog Devices AD5765BSUZ Datasheet HTML 6Page - Analog Devices AD5765BSUZ Datasheet HTML 7Page - Analog Devices AD5765BSUZ Datasheet HTML 8Page - Analog Devices AD5765BSUZ Datasheet HTML 9Page - Analog Devices AD5765BSUZ Datasheet HTML 10Page - Analog Devices AD5765BSUZ Datasheet HTML 11Page - Analog Devices AD5765BSUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AD5765
Preliminary Technical Data
Rev. PrA | Page 8 of 31
DB23
SCLK
SYNC
SDIN
LDAC
LDAC = 0
CLR
12
24
DB0
t1
VOUTX
VOUTX
VOUTX
t4
t6
t3
t2
t5
t8
t7
t10
t9
t10
t11
t12
t12
t17
t18
t13
t14
Figure 2. Serial Interface Timing Diagram
LDAC
SDO
SDIN
SYNC
SCLK
24
48
DB23
DB0
DB23
DB0
DB23
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N–1
INPUT WORD FOR DAC N
DB0
t1
t2
t3
t4
t6
t7
t8
t15
t16
t5
t10
t9
Figure 3. Daisy-Chain Timing Diagram


Similar Part No. - AD5765BSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5760 AD-AD5760 Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5760 AD-AD5760 Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5760 AD-AD5760 Datasheet
595Kb / 27P
   Voltage Output DAC
AD5760ACPZ AD-AD5760ACPZ Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
More results

Similar Description - AD5765BSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5763 AD-AD5763 Datasheet
300Kb / 31P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5762R AD-AD5762R Datasheet
495Kb / 33P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD5764BSUZ AD-AD5764BSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5744 AD-AD5744 Datasheet
377Kb / 27P
   Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA 15-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com