Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5722R Datasheet(PDF) 6 Page - Analog Devices

Part # AD5722R
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5722R Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5722R Datasheet HTML 2Page - Analog Devices AD5722R Datasheet HTML 3Page - Analog Devices AD5722R Datasheet HTML 4Page - Analog Devices AD5722R Datasheet HTML 5Page - Analog Devices AD5722R Datasheet HTML 6Page - Analog Devices AD5722R Datasheet HTML 7Page - Analog Devices AD5722R Datasheet HTML 8Page - Analog Devices AD5722R Datasheet HTML 9Page - Analog Devices AD5722R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5722R/AD5732R/AD5752R
Preliminary Technical Data
Rev. PrC | Page 6 of 32
SINGLE SUPPLY SPECIFICATIONS
AVDD = 4.5 V1 to 16.5 V, AVSS = 0 V, GND = 0 V, REFIN= 2.5 V external, DVCC = 2.7 V to 5.5 V
RLOAD = 2 kΩ, CLOAD = 200 pF; all specifications TMIN to TMAX, 10 V range unless otherwise noted.
Table 3.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
Outputs unloaded
Resolution
AD5752R
16
Bits
AD5732R
14
Bits
AD5722R
12
Bits
Total Unadjusted Error (TUE)
0.1
% FSR max
Across temperature and supplies
Relative Accuracy (INL)
B Grade
±16
LSB max
@ 16-bit resolution
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic (@ 16-bit resolution)
Zero-Scale Error
+10
mV max
@ 25°C, error at other temperatures obtained using Zero-Scale TC
Zero-Scale TC2
±4
ppm FSR/°C max
Offset Error
±10
mV max
Gain Error
±0.02
% FSR max
@ 25°C, error at other temperatures obtained using Gain TC
Gain TC2
±8
ppm FSR/°C max
DC Crosstalk2
0.6
LSB max
@ 16-bit resolution
REFERENCE INPUT/OUTPUT
Reference Input2
Reference Input Voltage
2.5
V nom
±1% for specified performance
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±10
µA max
Typically ±30 nA
Reference Range
2 to 3
V min to V max
Reference Output
Output Voltage
2.498 to 2.502
V min to V max
@ 25°C
Reference TC
±5
ppm/°C max
Output Noise (0.1 Hz to 10 Hz)2
18
µV p-p typ
Noise Spectral Density2
75
nV/√Hz typ
@ 10 kHz
Output Drift vs. Time2
±40
ppm/500 hr typ
±50
ppm/1000 hr typ
OUTPUT CHARACTERISTICS2
Output Voltage Range
10.8
V max
AVDD = 11.7 V min, REFIN = 2.5 V
12
V max
AVDD = 12.9 V min, REFIN = 3.75 V
Headroom
0.9
V max
0.5
V typ
Output Voltage TC
±8
ppm FSR/°C max
Output Voltage Drift vs. Time
±12
ppm/500 hr typ
±15
ppm/1000 hr typ
Short Circuit Current
20
mA typ
Load
2
KΩ max
For specified performance
Capacitive Load Stability
4000
pF max
DC Output Impedance
0.5
Ω typ
DIGITAL INPUTS2
DVCC = 2.7 V to 5.5 V, JEDEC compliant
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0.8
V max
Input Current
±1
µA max
Per pin
Pin Capacitance
5
pF max
Per pin
DIGITAL OUTPUTS (SDO)2
VOL, Output Low Voltage
0.4
V max
DVCC = 5 V ± 10%, sinking 200 µA
VOH, Output High Voltage
DVCC − 1
V min
DVCC = 5 V ± 10%, sourcing 200 µA


Similar Part No. - AD5722R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5722R AD-AD5722R Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
AD5722R AD-AD5722R Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5722RBREZ AD-AD5722RBREZ Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5722RBREZ-REEL7 AD-AD5722RBREZ-REEL7 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
More results

Similar Description - AD5722R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722 Datasheet
1,010Kb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. 0
AD5722 AD-AD5722_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5722 AD-AD5722_17 Datasheet
1Mb / 31P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5722R AD-AD5722R_17 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
AD5732 AD-AD5732_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
AD5754 AD-AD5754_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724 AD-AD5724 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. 0
AD5724 AD-AD5724_15 Datasheet
1Mb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
REV. D
AD5724R AD-AD5724R Datasheet
301Kb / 32P
   Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com