Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5422BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5422BCPZ
Description  Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5422BCPZ Datasheet HTML 6Page - Analog Devices AD5422BCPZ Datasheet HTML 7Page - Analog Devices AD5422BCPZ Datasheet HTML 8Page - Analog Devices AD5422BCPZ Datasheet HTML 9Page - Analog Devices AD5422BCPZ Datasheet HTML 10Page - Analog Devices AD5422BCPZ Datasheet HTML 11Page - Analog Devices AD5422BCPZ Datasheet HTML 12Page - Analog Devices AD5422BCPZ Datasheet HTML 13Page - Analog Devices AD5422BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
AD5412/AD5422
Preliminary Technical Data
Rev. PrF | Page 10 of 38
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to AGND, DGND
−0.3V to 48V
AVSS to AGND, DGND
+0.3 V to −48 V
AVDD to AVSS
-0.3V to 60V
DVCC to AGND, DGND
−0.3 V to +7 V
Digital Inputs to AGND, DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to AGND, DGND
−0.3 V to DVCC + 0.3 V or 7V
(whichever is less)
REFIN/REFOUT to AGND, DGND
−0.3 V to +7 V
VOUT to AGND, DGND
AVSS to AVDD
IOUT to AGND, DGND
−0.3V to AVDD
AGND to DGND
-0.3V to +0.3V
Operating Temperature Range
(TA)
Industrial
−40°C to +851°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
24-Lead TSSOP Package
θJA Thermal Impedance
42°C/W
40-Lead LFCSP Package
θJA Thermal Impedance
28°C/W
Power Dissipation
(TJ max – TA)/ θJA
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Power dissipated on chip must be de-rated to keep junction temperature
below 125°C. Assumption is max power dissipation condition is sourcing
24mA into Ground from AVDD with a 3mA on-chip current.


Similar Part No. - AD5422BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422BCPZ AD-AD5422BCPZ Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5422BCPZ-REEL AD-AD5422BCPZ-REEL Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5422BCPZ-REEL7 AD-AD5422BCPZ-REEL7 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
More results

Similar Description - AD5422BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
   Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5420 AD-AD5420 Datasheet
276Kb / 29P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
   Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
   Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com