Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5100YRQZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD5100YRQZ
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100YRQZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5100YRQZ Datasheet HTML 25Page - Analog Devices AD5100YRQZ Datasheet HTML 26Page - Analog Devices AD5100YRQZ Datasheet HTML 27Page - Analog Devices AD5100YRQZ Datasheet HTML 28Page - Analog Devices AD5100YRQZ Datasheet HTML 29Page - Analog Devices AD5100YRQZ Datasheet HTML 30Page - Analog Devices AD5100YRQZ Datasheet HTML 31Page - Analog Devices AD5100YRQZ Datasheet HTML 32Page - Analog Devices AD5100YRQZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD5100
Rev. 0 | Page 29 of 36
PERMANENT SETTING OF AD5100 REGISTERS
(OTP FUNCTION)
When the user wants to permanently program settings to the
AD5100, the one-time program (OTP) function is invoked
(note the requirements for the capacitor on the VOTP pin in the
Power Requirements section). To complete a permanent
program cycle for a particular register, the following sequence
should be used:
1.
Set Bit 0 = 1 in Register 0x16 using a normal write
operation.
2.
Set Bit 1 = 1 in Register 0x16 using a normal write
operation.
3.
Apply a 5.5 V (100 mA) voltage source to the OTP pin.
This provides the current for the programming cycle.
4.
Write the desired permanent data to the register of choice,
using a write operation with the OTP bit set to 1 in the
address pointer byte.
5.
Wait a period of 12 ms for the AD5100 to perform the
permanent setting of the internal register.
The user has the opportunity to check whether the AD5100 is
programmed correctly by performing a read instruction with
the OTP bit set to 1 in the address pointer byte (for example, set
the address pointer to 0x81 to check V1MON-OV) and monitoring
the state of Bit 7 (OTP okay) in the read back data byte.
OTP okay = 1 indicates that the AD5100 is programmed
correctly
OTP okay = 0 indicates that the AD5100 is programmed
incorrectly
Note that read back of the OTP okay bit is available only for the
read cycle following immediately after the program cycle. If a
write or read of a different register is done immediately after
the program cycle, the opportunity for verifying whether the
programming was successful will have been missed. Figure 25
shows the recommended way of executing a program, then
reading back and verifying the V1MON overvoltage threshold
register (assuming that Step 1 to Step 3 have already been
completed).
When all default registers have been programmed, the lock bit
should be set. User-programmed defaults do not become active
until the lock bit is programmed. Programming the lock bit is
done in exactly the same manner as all other registers in Table 11.
The lock bit is Register 0x15, Bit 3.
TEMPORARY OVERRIDE OF DEFAULT SETTINGS
Even with the lock bit set, it is possible to temporarily override
the default values of any of the permanently programmable
registers. To override a permanent setting in a particular
register (when the lock bit is programmed), the following
sequence should be used:
1.
Set Bit 3 = 1 in Register 0x16 (special function 1).
2.
Write the desired temporary data to the register of choice.
While the override bit (Bit 3) is set in Register 0x16, the user
can override any registers by simply writing to them with new data.
To reset an overridden register to its default setting, the
following sequence should be used:
1.
Set Bit 3 = 0 in Register 0x16.
2.
Write a dummy byte to the register of choice.
Clearing the override bit in Register 0x16 does not cause all
overridden registers to revert to their defaults at the same time.
For example, imagine that the user overrides Register 0x01,
Register 0x02, and Register 0x03. If the user subsequently clears
the override bit in Register 0x16 and writes a dummy byte to
Register 0x01, Register 0x01 reverts to its default value. How-
ever, Register 0x02 and Register 0x03 still contain their override
data. To revert both registers to their default values, the user
must write dummy data to each register individually.
Power cycling the AD5100 also resets all registers to their
programmed defaults.
010111AD0
S
DEVICE
ADDRESS
W ACK
0x81
ACK
0x0F
ACK P
SET ADDR
POINTER
TO V1MON
OVTHRES
OTP BIT =1
SET V1MON OV
THRESHOLD
= 13.2V
12ms DELAY
010111AD0
S
DEVICE
ADDRESS
R ACK
ACK
0x81
0x8F
NACK P
SET ADDR
POINTER TO
V1MON
OV THRES
OTP BIT =1
CONFIRMED
V1MON
OV THRESHOLD
= 13.2V
OUTPUT FROM MASTER
OUTPUT FROM AD5100
S = START BIT
P = STOP BIT
ACK =ACKNOWLEDGE
NACK = NO ACKNOWLEDGE
R = READ
W = WRITE
Figure 25. Setting and Validating OTP Register Setting


Similar Part No. - AD5100YRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
More results

Similar Description - AD5100YRQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com