Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5100 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5100
Description  System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5100 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5100_08 Datasheet HTML 8Page - Analog Devices AD5100_08 Datasheet HTML 9Page - Analog Devices AD5100_08 Datasheet HTML 10Page - Analog Devices AD5100_08 Datasheet HTML 11Page - Analog Devices AD5100_08 Datasheet HTML 12Page - Analog Devices AD5100_08 Datasheet HTML 13Page - Analog Devices AD5100_08 Datasheet HTML 14Page - Analog Devices AD5100_08 Datasheet HTML 15Page - Analog Devices AD5100_08 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD5100
Rev. 0 | Page 12 of 36
THEORY OF OPERATION
The AD5100 is a programmable system management IC that
has four channels of monitoring inputs. Three inputs have high
voltage (30 V) capability. For example, if the AD5100 is used in
an automotive application, V1MON (Monitoring Input 1) can be
connected to the battery and the V2MON can be connected to the
ignition switch, a rising edge trigger wake-up signal, or the
media-oriented systems transport (MOST) wake-up signal
(V4MON is connected to V2MON for MOST applications). Two
other inputs, V3MON and V4MON, are designed for low voltage
monitoring, with programmable thresholds from 2.93 V to
7.96 V. The two high voltage monitoring inputs control the
shutdown signal, SHDN and reset signal, RESET, while the two
low voltage monitoring inputs control the reset signal, RESET.
SHDN and RESET are both disabling signals for external devices.
The differences between these two outputs are in output level
and driving capabilities, as described in the
section.
The WDI (watchdog) and
Outputs
MR (manual reset) inputs also
control the RESET output, for use with an external digital
processor.
shows the general flow chart and
summarizes the AD5100 functions and features.
Figure 5
Table 10
YES
NO
SHDN = 0*
SHDN = 0
RESET = 0
RESET = 0
RESET = 0
RESET = 0
RESET = 0
YES
NO
SHDN = 0*
V1MON > UV
V1MON < OV
YES
YES
NO
SHDN = 0
NO
SHDN = 0
SHDN = 1
V2MON > ON
V2MON > OFF
(V2MON RISING EDGE
SENSITIVE SELECTED)
V2MON
LEVEL
SENSITIVE
SELECTED
YES
NO
CONTINUE
MONITORING
NO
YES
V4MON >
THRESHOLD
V4OUT = 0
V4OUT = 1
NO
YES
USING V4OUT
FOR PWM
NO
YES
V4MON >
THRESHOLD
NO
YES
V3MON >
THRESHOLD
YES
NO
VALID WDI
YES
NO
VALID WDI
NO
YES
FLOATING
WDI DISABLED
YES
STANDARD
WDI SELECTED
YES
NO
MR = 1
RESET = 0
YES
NO
FLOATING WDI
NO (ADVANCE WDI SELECTED)
* SEE TABLE 11 RESET CONFIGURATION REGISTER:
IF [0] = 0, THEN SHDN = 0 AND RESET = 0
IF [0] = 1, THEN SHDN = 0 AND RESET = 1
DEFAULT PATHS
Figure 5. General Flow Chart
Table 10. AD5100 Functions and Features
Input
Monitoring
Range
Shutdown
Control
Reset
Control
Fault
Detection
Functions and Features
If Not Used
V1MON
6 V to 28.29 V
Yes
Yes
Yes
Overvoltage/undervoltage thresholds
Does not apply
V2MON
3 V to 24.75 V
Yes
Yes
Yes
On/off voltage thresholds; pseudo rising edge
triggered, wake-up selectable; MOST wake-up
signal (V2MON connected to V4MON)
Connect to V1MON,
minimum input 6 V
V3MON
2.32 V to 4.97 V
No
Yes
Yes
Connect to VOTP and
set threshold to
minimum
V4MON
1.67 V to 7.96 V
No
Yes
Yes
Additional output
Connect to GND
WDI
0 V to 5 V
Yes
Yes
No
Standard, advance, or floating; watchdog
selectable
Leave floating
MR
0 V to 5 V
Yes
Yes
No
Highest priority on RESET over other inputs
Leave floating


Similar Part No. - AD5100_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100EVAL AD-AD5100EVAL Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ AD-AD5100YRQZ Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results

Similar Description - AD5100_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
   System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Rev. PrJ
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com