Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1989B Datasheet(PDF) 17 Page - Analog Devices

Part No. AD1989B
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1989B Datasheet(HTML) 17 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD1989B
Rev. 0
|
Page 17 of 20
|
August 2008
CONNECTION LIST
Table 9. Connection List
Node ID
Connections
0
12
34
56
7
[0–3]
[4–7]
NID
I
NID
I
NID
I
NID
I
NID
I
NID
I
NID
I
NID
02
03
04
05
06
07
0x0000 001C
0x1C
08
0x0000 000C
0x0C
09
0x0000 000D
0x0D
0A
0B
0C
0x2418 BC38
0x1F20 3D25
0x38 1
0x3C
1
0x18
0x24
0x25
0x3D
0x20
0x1F
0D
0x2418 BC38
0x0020 3D25
0x38 1
0x3C
1
0x18
0x24
0x25
0x3D
0x20
0E
0x2418 BC38
0x0020 3D25
0x38 1
0x3C
1
0x18
0x24
0x25
0x3D
0x20
0F
0x0000 000E
0x0E
10
11
0x0000 0022
0x22
12
0x0000 0029
0x29
13
0x0000 002D
0x2D
14
0x0000 002B
0x2B
15
0x0000 002C
0x2C
16
0x0000 002A
0x2A
17
0x0000 0026
0x26
18
19
0x0000 2120
0x20
0x21
1A
1B
0x0000 0002
0x02
1C
1D
0x0000 000B
0x0B
1E
0x0000 2136
0x36
0x21
20
0x3D38 3339
0x1A18 3B34
0x39
0x33
0x38
0x3D
0x34
0x3B
0x18
0x1A
21
0x0000 0020
0x20
22
0x0000 2137
0x37
0x21
23
0x2524 9811
0x2120 BD38
0x11 1
0x18
0x24
1
0x25
0x38
1
0x3D
0x20
0x21
24
0x0000 0027
0x27
25
0x0000 0028
0x28
26
0x0000 2132
0x32
0x21
27
0x0000 2105
0x05
0x21
28
0x0000 210A
0x0A
0x21
29
0x0000 2104
0x04
0x21
2A
0x0000 2106
0x06
0x21
2B
0x0000 2130
0x30
0x21
2C
0x0000 2131
0x31
0x21
2D
0x0000 001E
0x1E
2F
0x1514 1211
0x0000 1716
0x11
0x12
0x14
0x15
0x16
0x17
30
0x0060 0403
0x03
0x04
0x06
31
0x0000 0A04
0x04
0x0A
32
0x0000 0405
0x05
0x04
33
0x0024 253A
0x3A
0x25
0x24
34
0x0024 253C
0x3C
0x25
0x24
36
0x0006 0403
0x03
0x04
0x06


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn