Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1989B Datasheet(PDF) 15 Page - Analog Devices

Part No. AD1989B
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1989B Datasheet(HTML) 15 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD1989B
Rev. 0
|
Page 15 of 20
|
August 2008
WIDGET PARAMETERS
Table 8. Widget Parameters
Node
ID
Widget
Capabilities
09
PCM Size, Rate
0A
Stream
Formats
0B
Pin
Capabilities
0C
Input Amp
Capabilities
0D
ConnList
Length
0E
Power States
0F
Output Amp
Capabilities
12
01
0x0000 0480
0x000E 07FF
0x0000 0001
0x8000 0000
0x0000 0009
0x0005 2727
02
0x0003 0211
0x000E 07E0
0x0000 0005
0x0000 0000
03
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
04
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
05
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
06
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
07
0x0013 0391
0x000E 07E0
0x0000 0005
0x0000 0001
08
0x0010 0501
0x000E 07FF
0x0000 0001
0x0000 0001
0x0000 0009
09
0x0010 0501
0x000E 07FF
0x0000 0001
0x0000 0001
0x0000 0009
0A
0x0000 0405
0x000E 07FF
0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
0B
0x0030 0211
0x000E 07E0
0x0000 0005
0x0000 0000
0C
0x0030 010D
0x0000 0008
0x8005 3627
0D
0x0030 010D
0x0000 0007
0x8005 3627
0E
0x0030 010D
0x0000 0007
0x8005 3627
0F
0x0010 0501
0x000E 07FF
0x0000 0001
0x0000 0001
0x0000 0009
10
0x0070 000C
0x0000 0000
0x800B 0F0F
11
0x0040 018D
0x0000 373F
0x0000 0001
0x8000 0000
12
0x0040 018D
0x0000 373F
0x0000 0001
0x8000 0000
13
0x0040 010C
0x0000 0010
0x0000 0001
0x8005 1F1F
14
0x0040 018D
0x0000 373F
0x0000 0001
0x8000 0000
15
0x0040 018D
0x0000 3737
0x0000 0001
0x8000 0000
16
0x0040 018D
0x0000 0037
0x0000 0001
0x8000 0000
17
0x0040 098D
0x0000 3737
0x0000 0001
0x8000 0000
18
0x0040 0081
0x0000 0024
0x0000 0000
19
0x0050 0500
0x0000 0002
0x0000 0009
1A
0x0040 0000
0x0000 0020
0x0000 0000
1B
0x0040 030D
0x0000 0010
0x0000 0001
0x8005 2727
1C
0x0040 020B
0x0000 0020
0x8005 1F17
0x0000 0000
1D
0x0040 030D
0x0000 0010
0x0000 0001
0x8005 2727
1E
0x0020 0103
0x8000 0000
0x0000 0002
20
0x0020 010B
0x8005 1F17
0x0000 0008
21
0x0030 010D
0x0000 0001
0x8005 1F1F
22
0x0020 0103
0x8000 0000
0x0000 0002
23
0x00F0 0100
0x0000 0008
24
0x0040 098D
0x0000 0037
0x0000 0001
0x8000 0000
25
0x0040 018D
0x0000 0037
0x0000 0001
0x8000 0000
26
0x0020 0103
0x8000 0000
0x0000 0002
27
0x0020 0103
0x8000 0000
0x0000 0002
28
0x0020 0103
0x8000 0000
0x0000 0002
29
0x0020 0103
0x8000 0000
0x0000 0002
2A
0x0020 0103
0x8000 0000
0x0000 0002
2B
0x0020 0103
0x8000 0000
0x0000 0002
2C
0x0020 0103
0x8000 0000
0x0000 0002
2D
0x0020 0100
0x0000 0001
2F
0x00F0 0100
0x0000 0006
30
0x0030 0101
0x0000 0003
31
0x0030 0101
0x0000 0002
32
0x0030 0101
0x0000 0002
33
0x0030 0101
0x0000 0003
34
0x0030 0101
0x0000 0003


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn