Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882A Datasheet(PDF) 16 Page - Analog Devices

Part No. AD1882A
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1882A Datasheet(HTML) 16 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rev. 0
|
Page 16 of 20
|
August 2008
AD1882A
DEFAULT CONFIGURATION BYTES
In Table 13, default configuration values are set on codec
power-up only. Default configuration values are not reset by
link or soft reset to preserve modifications by BIOS control.
Table 13. Default Configuration Bytes
31:30
29:28
27:24
23:20
19:16
15:12
8
7:4
3:0
Connectivity
Location
Def. Device Conn Type
Color
Misc.
Def Assn Sequence
Name
Value
Chassis Position
JD
Port A (Headphone) 0x0221 401F Jack
External Front
HP Out
1/8” Jack
Green
0
1
F
Port D (Front L/R)
0x0101 4010 Jack
External Rear
Line Out
1/8” Jack
Green
0
1
0
Mono Out
0x9017 01F0 Fixed
Internal N/A
Speaker
Other Analog Unknown 1
F
0
Port B (Front Mic)
0x02A1 90F0 Jack
External Front
Mic In
1/8” Jack
Pink
0
F
0
Port C (Line In)
0x0181 3021 Jack
External Rear
Line In
1/8” Jack
Blue
0
2
1
Port F (Surr Back)
0x0101 1012 Jack
External Rear
Line Out
1/8” Jack
Black
0
1
2
Port E (Rear Mic)
0x01A1 9020 Jack
External Rear
Mic In
1/8” Jack
Pink
0
2
0
CD IN
0x9933 012E Fixed
Internal Special 3 CD
ATAPI
Unknown 1
2
E
Analog PCBeep
0x90F7 01F0 Fixed
Internal N/A
Other
Other Analog Unknown 1
F
0
S/PDIF Out
0x0145 11F0 Jack
External Rear
SPDIF Out
Optical
Black
1
F
0
Digital Microphone 0x97A6 09F0 Fixed
Internal Special 1 Mic In
Other Digital Unknown 1
F
0
Port G (C/LFE)
0x0101 6011 Jack
External Rear
Line Out
1/8” Jack
Orange
0
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1884AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984BHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1882High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1883High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn