Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882A Datasheet(PDF) 15 Page - Analog Devices

Part No. AD1882A
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1882A Datasheet(HTML) 15 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD1882A
Rev. 0
|
Page 15 of 20
|
August 2008
CONNECTION LIST
Table 12. Connection List
Connections
0
12
34
56
7
Node ID [0–3]
[4–7]
NID
I
NID
I
NID
I
NID
I
NID
I
NID
I
NID
I
NID
02
0x0000 001D
1D
03
04
05
08
0x0000 000C
0x0C
09
0x0000 000D
0x0D
0C
0x18BC 3911
0x2012 3B1F
0x11
0x39
1
0x3C
0x18
0x1F
0x3B
0x12
0x20
0D
0x18BC 3911
0x2012 3B1F
0x11
0x39
1
0x3C
0x18
0x1F
0x3B
10x2
0x20
10
11
0x0000 0022
0x22
12
0x0000 0029
0x29
13
0x0000 002D
0x2D
14
15
0x0000 002C
0x2C
16
0x0000 002A
0x2A
17
0x0000 0026
0x26
18
19
0x0000 2120
0x20
0x21
1A
1B
0x0000 0002
0x02
1E
0x0000 2104
0x04
0x21
1F
20
0x1211 3A39
0x1A18 3B3C
0x39
0x3A
0x11
0x12
0x3C
0x3B
0x18
0x1A
21
0x0000 0020
0x20
22
0x0000 2137
0x37
0x21
23
0xA220 9811
0xBC30 AE24
0x11 1
0x18
0x20
1
0x22
0x24
1
0x2E
0x30
1
0x3C
24
0x0000 0027
0x27
26
0x0000 2105
0x05
0x21
27
0x0000 2105
0x05
0x21
29
0x0000 2104
0x04
0x21
2A
0x0000 2103
0x03
0x21
2C
0x0000 2103
0x03
0x21
2D
0x0000 001E
0x1E
2F
0x0017 1514
0x14
0x15
0x17
37
0x0000 0403
0x03
0x04
39
0x0000 0014
0x14
3A
0x0000 0015
0x15
3C
0x0000 0017
0x17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1884AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984BHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1882High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1883High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn