Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882A Datasheet(PDF) 13 Page - Analog Devices

Part No. AD1882A
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1882A Datasheet(HTML) 13 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD1882A
Rev. 0
|
Page 13 of 20
|
August 2008
WIDGET PARAMETERS
Table 10. Widget Parameters
Node ID
Widget
Capabilities
09
PCM Size,
Rate
0A
Stream
Formats
0B
Pin
Capabilities
0C
Input Amp
Capabilities
0D
ConnList
Length
0E
Power States
0F
Output Amp
Capabilities
12
01
0x0000 0480
0x000E 07FF 0x0000 0001
0x80000000
0x0000 0009
0x0005 2727
02
0x0003 031D
0x000E 07E0 0x0000 0005
0x0000 0001
0x8005 2727
03
0x0000 0405
0x000E 07FF 0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
04
0x0000 0405
0x000E 07FF 0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
05
0x0000 0405
0x000E 07FF 0x0000 0001
0x0000 0000
0x0000 0009
0x0005 2727
08
0x0010 0501
0x000E 07FF 0x0000 0001
0x0000 0001
0x0000 0009
09
0x0010 0501
0x000E 07FF 0x0000 0001
0x0000 0001
0x0000 0009
0C
0x0030 010D
0x0000 0008
0x8005 3627
0D
0x0030 010D
0x0000 0008
0x8005 3627
10
0x0070 000C
0x0000 0000
0x800B 0F0F
11
0x0040 058D
0x0000 373F
0x0000 0001
0x8000 0000
12
0x0040 058D
0x0001 003F
0x0000 0001
0x0000 0009
0x8000 0000
13
0x0040 050C
0x0001 0010
0x0000 0001
0x0000 0009
0x8005 1F1F
14
0x0040 0081
0x0000 3727
0x0000 0000
15
0x0040 018D
0x0000 3737
0x0000 0001
0x8000 0000
16
0x0040 058D
0x0001 0017
0x0000 0001
0x0000 0009
0x8000 0000
17
0x0040 098D
0x0000 3737
0x0000 0001
0x8000 0000
18
0x0040 0081
0x0000 0024
0x0000 0000
19
0x0050 0500
0x0000 0002
0x0000 0009
1A
0x0040 0000
0x0000 0020
0x0000 0000
1B
0x0040 0301
0x0000 0010
0x0000 0001
1E
0x0020 0103
0x8000 0000
0x0000 0002
1F
0x0040 000B
0x0000 0020
0x0017 0300
0x0000 0000
20
0x0020 010B
0x8005 1F17
0x0000 0008
21
0x0030 010D
0x0000 0001
0x8005 1F1F
22
0x0020 0103
0x8000 0000
0x0000 0002
23
0x00F0 0100
0x0000 0008
24
0x0040 098D
0x0000 0017
0x0000 0001
0x8000 0000
26
0x0020 0103
0x8000 0000
0x0000 0002
27
0x0020 0103
0x8000 0000
0x0000 0002
29
0x0020 0103
0x8000 0000
0x0000 0002
2A
0x0020 0103
0x8000 0000
0x0000 0002
2C
0x0020 0103
0x8000 0000
0x0000 0002
2D
0x0020 0100
0x0000 0001
2F
0x00F0 0100
0x0000 0003
37
0x0030 0101
0x0000 0002
39
0x0030 010D
0x0000 0001
0x0027 0300
3A
0x0030 010D
0x0000 0001
0x0027 0300
3C
0x0030 010D
0x0000 0001
0x0027 0300


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1884AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984BHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1882High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1883High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn