Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882A Datasheet(PDF) 1 Page - Analog Devices

Part No. AD1882A
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1882A Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Definition Audio
SoundMAX Codec
AD1882A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Six 192 kHz, 95 dB DACs
All independent sample rates, 8 kHz through 192 kHz
16-, 20-, and 24-bit PCM resolution
Selectable stereo mixer on outputs
Four 192 kHz, 90 dB ADCs
Simultaneous record of up to 2 stereo channels
All independent sample rates, 8 kHz through 192 kHz
16-, 20-, and 24-bit resolution
S/PDIF output
Supports all sample rates 44.1 kHz through 192 kHz
16-, 20-, and 24-bit data widths; PCM and AC3 formats
Digital PCM gain control
Dedicated auxiliary pins
Stereo CD input w/GND sense
Mono out pin for internal speaker with EAPD support
Analog PCBeep input pin
Stereo digital microphone
Two 192 kHz digital microphone channels
Supports 1 or 2 microphones on 1 pin
Selectable bit clock rates of 1.5 MHz, 2.0 MHz, and 3.0 MHz
All sample rates, 8 kHz through 192 kHz
16-, 20-, and 24-bit resolution
Microsoft Vista Premium® logo for notebook and desktop
Impedance and presence detection on all jack pins
2 general-purpose digital I/O (GPIO) pins
Advanced power management modes
EAPD control for internal speakers
3.3 V analog and digital supply voltage
1.5 V and 3.3 V HD Audio link signaling
Very low power consumption in D3 state
Figure 1. AD1882A Block Diagram
ADC0
ADC1
DAC2
PORT D
PORT F
PORT G
MONO OUT
AD1882A
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
PORT A
PORT C
DAC0
HP
HP
DAC1
PCBEEP
CD IN
PORT E
PORT B
DIGITAL
MICROPHONE
DM_DATA
DM_CLK
DIGITAL
BEEP
S/PDIF OUT
S/PDIF Tx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1884AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984BHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1882High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1883High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn