Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882A Datasheet(PDF) 6 Page - Analog Devices

Part No. AD1882A
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1882A Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. 0
|
Page 6 of 20
|
August 2008
AD1882A
HD AUDIO LINK SPECIFICATIONS
HD Audio signals comply with the High Definition Audio spec-
ifications. Please refer to these specifications at:
http://www.intel.com/standards/hdaudio/
POWER-DOWN STATES
DM_DATA
Input Signal High (VIH)DVGPIO
× 0.60
DVGPIO
V
Input Signal Low (VIL)0
DVGPIO
× 0.24
V
Input Leakage Current (Signal High) (IIH)
–150
nA
Input Leakage Current (Signal Low) (IIL)–50
nA
S/PDIF_OUT
Output Signal High (VOH)IOUT = –500
μADVGPIO × 0.72
DVGPIO
V
Output Signal Low (VOL)IOUT = +1500
μA0
DVGPIO
× 0.10
V
POWER SUPPLY
Analog (AV
DD) 3.3 V ± 5%
Power Supply Range
Power Dissipation
Supply Current
3.13
3.30
116
35
3.46
V
mW
mA
Digital (DVDD) 3.3 V
± 10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
162
49
3.63
V
mW
mA
Digital I/O (DVIO) 3.3 V
± 10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.96
1.20
3.63
V
mW
mA
Digital I/O (DVIO) 1.5 V
± 5.5%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.96
1.20
3.63
V
mW
mA
Digital GPIO (DVGPIO) 3.3 V
± 10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.63
1.10
3.63
V
mW
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)
1
80
dB
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
3 RMS values assume sine wave input.
Parameter
Min
Typ
Max
Unit
Table 5. Power-Down States
Parameter
IDVDD Typ
IAVDD Typ
Unit
Function Node In D0, All Nodes Active
49
35
mA
Function Node in D3
16
0.7
mA
Codec in RESET
33mA
Individual Block Power Savings
DAC Pair Powered Down Saves (Each)
ADC Pair Powered Down Saves (Each)
Mixer Power Control (and Associated Amps) Saves
MIC_BIAS Powered Down Saves1
1 Powering down the MIC_BIAS powers down all port MIC_BIAS pins. This disables all microphone bias circuits, setting them to the high-Z state.
6
5
0
0
6
4.4
3
1.0
mA
mA
mA
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1884AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984BHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1882High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984AHigh Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1883High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn