Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX-3C-SM21.0C Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # CX-3C-SM21.0C
Description  CX MINIATURE CRYSTALS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CX-3C-SM21.0C Datasheet(HTML) 2 Page - EUROQUARTZ limited

  CX-3C-SM21.0C Datasheet HTML 1Page - EUROQUARTZ limited CX-3C-SM21.0C Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Code
CX-3
“S” if special
or custom design
Blank if standard
Frequency
SM1
SM2
SM3
Calibration
Tolerance*
@ 25°C
A, B, C
1.0MHz
-SM1
Circuit Design
Temperature
Range:
C = Commercial
I = Industrial
M = Military
S = Specify
(A /
I )
C = Ceramic Lid
Blank = Glass Lid
*For other calibration
tolerances enter
figure in ppm
Solder Pad Layout
1.78
3.05
5.46
CX-3H-SM- Bulk Pack (Standard)
- 16mm tape, 178mm or 330mm reels (Optional)
per EIA 481
- Tray Pack (Optional)
Packaging
Conventional HCMOS Pierce Oscillator Circuit
CX-2
Buffer
Amplifier
Osc.
Freq. (Fo)
C
C
C5
RB
R)
Typical Pierce Oscillator Application
The low profile CX miniature surface-mount crystal is ideal for small,
battery operated portable products. The CX crystal designed in a
Pierce oscillator (single inverter) circuit has a very low current
consumption with high stability. A conventional HCMOS Pierce
oscillator circuit is shown below. The crystal is effectively inductive
and in a Pi network with C and C which provides the additional
phase-shift necessary to sustain oscillation. The oscillation frequency
(f ) is 15ppm to 150ppm above the crystal’s series resonant
frequency (F ).
R is used to limit the crystal’s drive level by forming a voltage
divider between R andC.R also stabilizes the oscillator against
changes in the amplifiers output resistance (R ). R should be
increased for higher voltage operation.
The CX crystal calibration tolerance is influenced by the effective
circuit capacitances, specified as the load capacitance (C .) C is
12
0
S
A
A1
A
0A
LL
Drive Level
Load Capacitance
C =
Cx C
C+ C
2
2
1
1
LS
C
+
NOTE: C and C include stray layout capacitance to ground. C is
the stray shunt capacitance between the crystal terminals. In
practice, the effective valus of C will be less than that calculated
fromC,C,and CS values due to the effect of the amplifier output
resistance. C should be minimized.
The oscillation frequency (f ) is approximately equal to:
12
S
L
12
S
0
Where F = Series resonant frequency of the crystal
C = Motional Capacitance
C = Shunt Capacitance
S
1
0
f =
C1
0 fS
2(C+ C)
0L
1+
CX-3-SM
800kHz to 1.35MHz
LOW-PROFILE
MINIATURE
SMD CRYSTAL
CX-3-SM
800kHz to 1.35MHz
LOW-PROFILE
MINIATURE
SMD CRYSTAL
+44(0)1460 230000
+44(0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
EUROQUARTZ
CX MINIATURE CRYSTALS
Page
2of2


Similar Part No. - CX-3C-SM21.0C

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-3C-SM232A EUROQUARTZ-CX-3C-SM232A Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-3C-SM232B EUROQUARTZ-CX-3C-SM232B Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-3C-SM232C EUROQUARTZ-CX-3C-SM232C Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
More results

Similar Description - CX-3C-SM21.0C

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX-1H-SM EUROQUARTZ-CX-1H-SM Datasheet
118Kb / 2P
   CX MINIATURE CRYSTALS
CX-3V-SM EUROQUARTZ-CX-3V-SM Datasheet
125Kb / 2P
   CX MINIATURE CRYSTALS
CX-1HG-SM EUROQUARTZ-CX-1HG-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2H-SM EUROQUARTZ-CX-2H-SM Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-2-SM1 EUROQUARTZ-CX-2-SM1 Datasheet
115Kb / 2P
   CX MINIATURE CRYSTALS
CX-3-SM1 EUROQUARTZ-CX-3-SM1 Datasheet
119Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM1 EUROQUARTZ-CX-6V-SM1 Datasheet
100Kb / 2P
   CX MINIATURE CRYSTALS
CX-6V-SM EUROQUARTZ-CX-6V-SM Datasheet
111Kb / 2P
   CX MINIATURE CRYSTALS
CX-2 EUROQUARTZ-CX-2 Datasheet
112Kb / 2P
   CX MINIATURE CRYSTALS
CX-4V-SM EUROQUARTZ-CX-4V-SM Datasheet
98Kb / 2P
   CX MINIATURE CRYSTALS
CX-6-SM1 EUROQUARTZ-CX-6-SM1 Datasheet
126Kb / 2P
   CX MINIATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com