Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5701-F02 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HEDS-5701-F02
Description  Panel Mount Optical Encoders
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5701-F02 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDS-5701-F02 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5701-F02 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5701-F02 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-116
H
Panel Mount Optical Encoders
Technical Data
HEDS-5700 Series
Features
• Two Channel Quadrature
Output with Optional Index
Pulse
• Available with or without
Static Drag for Manual or
Mechanized Operation
• High Resolution – Up to
512 CPR
• Long Rotational Life,
>1 Million Revolutions
• -20 to 85
°C Operating
Temperature Range
• TTL Quadrature Output
• Single 5 V Supply
• Available with Color Coded
Leads
Description
The HEDS-5700 series is a family
of low cost, high performance,
optical incremental encoders with
mounted shafts and bushings. The
HEDS-5700 is available with
tactile feedback for hand operated
panel mount applications, or with
a free spinning shaft for applica-
tions requiring a pre-assembled
encoder for position sensing.
The encoder contains a collimated
LED light source and special
detector circuit which allows for
high resolution, excellent encod-
ing performance, long rotational
life, and increased reliability. The
unit outputs two digital wave-
forms which are 90 degrees out of
phase to provide position and
direction information. The
HEDS-5740 Series provides a
third Index Channel.
Package Dimensions
OPTIONAL WIRING
COLOR CODE TABLE
COLOR
WHITE
BROWN
RED
BLACK
BLUE
(THREE
CHANNEL)
OUTPUT
A
B
VCC
GND
I
*Note: For the HEDS-5700, Pin #2 is a No Connect. For
the HEDS-5740, Pin #2 is Channel I, the index output.
THREAD 3/8-32
NUT 3/8-32 x 7/16"
5965-5871E


Similar Part No. - HEDS-5701-F02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results

Similar Description - HEDS-5701-F02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com