Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3143 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC3143
Description  2.1 - 2.2 GHz 2W MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3143 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC3143 Datasheet HTML 1Page - Transcom, Inc. TC3143 Datasheet HTML 2Page - Transcom, Inc. TC3143 Datasheet HTML 3Page - Transcom, Inc. TC3143 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC3143
REV0_20040402
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 4
Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min.
Max.
Units
Vdd
Drain-Source Voltage
12
Volts
Idd
Total Drain Current
2000
mA
Pin
RF Input Power
10
dBm
Pt
Power Dissipation
7
W
Tch
Operating Channel Temperature
175
°C
TSTG
Storage Temperature
-65
175
°C
Note:
1.This GaAs MMIC is susceptible to damage from
Electrostatic Discharge. Proper precautions should be used
when handling these devices.
2.Specifications subject to change without notice.
TEST CIRCUITS
Evaluation Board Schematic


Similar Part No. - TC3143

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
TC3142 TRANSCOM-TC3142 Datasheet
107Kb / 3P
   2.45 GHz 5V 32dBm Single-bias MMIC
logo
TAI-SAW TECHNOLOGY CO.,...
TC314E1-A TAI-SAW-TC314E1-A Datasheet
473Kb / 3P
   SAW Resonator 314.95 MHz
TC314E2 TAI-SAW-TC314E2 Datasheet
478Kb / 3P
   SAW Resonator 314.95 MHz
More results

Similar Description - TC3143

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
   2.4 GHz 2W MMIC
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
TC3341 TRANSCOM-TC3341 Datasheet
177Kb / 3P
   3.3 - 3.7 GHz 2W MMIC
logo
Mitsubishi Electric Sem...
MGFS52B2122 MITSUBISHI-MGFS52B2122 Datasheet
61Kb / 1P
   2.1 = 2.2 GHz BAND 100W GsAs FET
MGFS52BN2122A MITSUBISHI-MGFS52BN2122A Datasheet
925Kb / 8P
   2.1-2.2 GHz BAND 160W GaAs FET
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
   29 - 36 GHz 2W PA MMIC
logo
Tyco Electronics
MD54-0007 MACOM-MD54-0007 Datasheet
141Kb / 3P
   Low Cost MMIC Mixer, 2.1 - 2.7 GHz
logo
M/A-COM Technology Solu...
MD54-0007 MA-COM-MD54-0007 Datasheet
81Kb / 2P
   Low Cost MMIC Mixer 2.1 - 2.7 GHz
logo
Ericsson
PTF10119 ERICSSON-PTF10119 Datasheet
141Kb / 4P
   12 Watts, 2.1-2.2 GHz GOLDMOS Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com