Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5740-K00 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HEDS-5740-K00
Description  Panel Mount Optical Encoders
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5740-K00 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HEDS-5740-K00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5740-K00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5740-K00 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2-118
Mechanical Characteristics
Parameter
Min.
Typ.
Max.
Units
Notes
Starting Torque
– Static Drag
0.47
oz in
– Free Spinning
0.14
oz in
Dynamic Drag
– Static Drag
1.1
oz in
100 RPM
– Free Spinning
0.70
oz in
2000 RPM
Rotational Life
– Static Drag
1 x 106
Revolutions
1 lb Load
– Free Spinning
12 x 106
Revolutions
4 oz Radial Load
Mounting Torque of Nut
13
lb in
HEDS-57
Shaft Configuration
0 - 1/4" dia. with no flat
1 - 6 mm dia. with no flat
2 - 1/4" dia. with flat
Drag Option
0 - Free Spining
1 - Static Drag
Resolutions
(Cycles Per Revolution)
HEDS-570X 2 Channel
K - 96 CPR
G - 360 CPR
C - 100 CPR
H - 400 CPR
D - 192 CPR
A - 500 CPR
E - 200 CPR
I - 512 CPR
F - 256 CPR
HEDS-574X Three Channel*
F - 256 CPR
A - 500 CPR
G - 360 CPR
I - 512 CPR
Outputs
0 - 2 Channel
4 - 3 Channel
Mechanical
Configuration
0 - Pins
1 - 6" Coded Leads
Output Waveforms
Ordering Information
360 ± 5.5
180 ± 45
S1
S2
S3
S4
90 ± 45 TYPICAL
90 ± 45
CH A
CH B
CH I
NOTE:
ALL VALUES ARE IN ELECTRICAL DEGREES, WHERE 360° e = 1 CYCLE OF RESOLUTION.
ERRORS ARE WORST CASE OVER ONE REVOLUTION.
CH B LEADS CH A FOR COUNTERCLOCKWISE ROTATION.
CH A LEADS CH B FOR CLOCKWISE ROTATION.
*Please contact factory for other resolutions.


Similar Part No. - HEDS-5740-K00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results

Similar Description - HEDS-5740-K00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
   Miniature Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
   Miniature Panel Mount Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com