Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVS58N-032ADA3GN-0013 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FVS58N-032ADA3GN-0013
Description  Singleturn absolute encoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FVS58N-032ADA3GN-0013 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FVS58N-032ADA3GN-0013 Datasheet HTML 1Page - List of Unclassifed Manufacturers FVS58N-032ADA3GN-0013 Datasheet HTML 2Page - List of Unclassifed Manufacturers FVS58N-032ADA3GN-0013 Datasheet HTML 3Page - List of Unclassifed Manufacturers FVS58N-032ADA3GN-0013 Datasheet HTML 4Page - List of Unclassifed Manufacturers FVS58N-032ADA3GN-0013 Datasheet HTML 5Page - List of Unclassifed Manufacturers FVS58N-032ADA3GN-0013 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
143
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49 621 776-0 • USA +1 330 4253555 • Singapore +65 67799091 • Internet http://www.pepperl-fuchs.com
FVS58
Singleturn absolute encoders
Input for selection of counting direction (V/R)
The counting direction f or the absolute value rotary encoder as seen looking on the shaft is defined as right rot ating (cw) rising or descending. The
counting direction can be reversed with the V/R input. If the input is not used, the count ing direction is defined as rising (standard), the level is at
"1". Pulse duration T > 10 ms.
Input level: "1" or unused = rising code value wit h direction of rotat ion cw.
Input level: "0" = descending code value for direction of rotation cw.
Input for temporary storage (LATCH)
With LATCH input "active", the position data on the parallel interface are "frozen". This makes it possible to accept position data without errors
(especially for binary position data), since any change in the data during the read procedure is prevent ed. If this input is unused, it s value is "0".
Pulse duration T > 100 µs.
Input level: "1" = position data saved and stable at the output .
Input level: "0" or unused = posit ion dat a free running at the output .
Input zero setting (PRESET)
By means of t he PRESET input, the absolute value rotary encoder can be adjusted electronically to posit ion value 0. Pulse duration T > 10 ms.
Input level: "0" or unused = inact ive.
Input level: "1" = Data output word is set to 0.
Electrical connection
Signal
Cable Ø9 mm, 24-core
Connector 9424, 19-pin
Explanation
G ND (rotary encoder)
White
6
Power supply
Ub (rotary encoder)
Brown
12
Power supply
Data bit 1
Green
1
Dat a output
Data bit 2
Yellow
2
Dat a output
Data bit 3
G rey
3
Dat a output
Data bit 4
Pink
4
Dat a output
Data bit 5
Blue
5
Dat a output
Data bit 6
Red
7
Dat a output
Data bit 7
Black
8
Dat a output
Data bit 8
Violet
9
Dat a output
Data bit 9
Grey/Pink
10
Dat a output
Data bit 10
Red/ Blue
11
Dat a output
Data bit 11
Whit e/G reen
13
Dat a output
Data bit 12
Brown/G reen
14
Dat a output
Data bit 13
White/ Yellow
15
Dat a output
White/Grey
-
Reserved
Grey/ Brown
19
Reserved
V/R
White/ Pink
16
Input for select ion of counting direction
LATCH
Pink/ Brown
17
Temporary storage input
White/Blue
-
Reserved
PRESET
Brown/ Blue
18
Zero set ting input
White/Red
-
Reserved
Brown/Red
-
Reserved
Inputs
113
17 10 19 9
2 3 4
8 16
14 5
7
18
11
15
6
12
Input for tempor ar y storage ( LAT CH)
IN
Logic
Pull down
Input for selection of counting dir ection ( V/R)
IN
Logic
Pull up
Filter
Filter
Input level: "0" 0 V ... 2 V
,
U
e
Ue
"1" 10 V ... 30 V,
I
e < 6 mA
Input zero setting (PRESET)


Similar Part No. - FVS58N-032ADA3GN-0013

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FVS58 PF-FVS58 Datasheet
347Kb / 6P
   Singleturn absolute encoder
More results

Similar Description - FVS58N-032ADA3GN-0013

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASS58-K PF-ASS58-K Datasheet
392Kb / 6P
   Singleturn absolute encoder
AVS58-K PF-AVS58-K Datasheet
412Kb / 8P
   Singleturn absolute encoder
EVS58-TZ PF-EVS58-TZ Datasheet
379Kb / 6P
   Singleturn absolute encoder
AVS58-H PF-AVS58-H Datasheet
467Kb / 8P
   Singleturn absolute encoder
BVS58 PF-BVS58 Datasheet
295Kb / 4P
   Singleturn absolute encoder
CVS78E PF-CVS78E Datasheet
572Kb / 6P
   Singleturn absolute encoder
DSS58 PF-DSS58 Datasheet
326Kb / 4P
   Singleturn absolute encoder
EVS78E-P PF-EVS78E-P Datasheet
503Kb / 4P
   Singleturn absolute encoder
FSS58 PF-FSS58 Datasheet
276Kb / 5P
   Singleturn absolute encoder
EVS58-IZ PF-EVS58-IZ Datasheet
411Kb / 5P
   Singleturn absolute encoder
ASS58-H PF-ASS58-H Datasheet
350Kb / 7P
   Singleturn absolute encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com