Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0019120K500F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # Y0019120K500F
Description  Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0019120K500F Datasheet(HTML) 4 Page - Vishay Siliconix

  Y0019120K500F Datasheet HTML 1Page - Vishay Siliconix Y0019120K500F Datasheet HTML 2Page - Vishay Siliconix Y0019120K500F Datasheet HTML 3Page - Vishay Siliconix Y0019120K500F Datasheet HTML 4Page - Vishay Siliconix Y0019120K500F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H Series
Vishay Foil Resistors
Hermetically Sealed High Precision Bulk Metal® Foil
Technology Resistors with TCR of ± 2 ppm/°C, Tolerance
of ± 0.001 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63006
4
Revision: 14-Nov-07
Note
* For non-standard requests, please contact application engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y0019120K500V9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
M = M
Ω
0 = standard
1 = tin/lead with plastic sleeve
9 = lead (Pb)-free
19 = lead (Pb)-free with plastic sleeves
2 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0024 = VHP202 and VH202C
0019 = VHA412
0025 = VHA414
0023 = VHA512
0104 = VHA516-4
0105 = VHA516-5
0106 = VHA516-6
0107 = VHA518-7
0108 = VHA518-8
0109 = VHA518-9
0110 = VHA518-10
0111 = VHA518-11
S = ± 0.001 %
U = ± 0.002 %
X = ± 0.0025 %
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0019 120K500 V 9 L:
TYPE: VHA412
VALUE: 120.5 k
Ω
ABSOLUTE TOLERANCE: ± 0.005 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: VHA412T 120K50 V B (will continue to be used)
VHA412
T
120K50
V
B
MODEL
TERMINATION
PLASTIC SLEEVE
OHMIC VALUE
TOLERANCE
PACKAGING
VHP202 and VH202C
VHA412
VHA414
VHA512
VHA516-4
VHA516-5
VHA516-6
VHA518-7
VHA518-8
VHA518-9
VHA518-10
VHA518-11
T = lead (Pb)-free
None = tin/lead
P = plastic sleeve
None = standard
120K50 = 120.5 k
Ω
S = ± 0.001 %
U = ± 0.002 %
X = ± 0.0025 %
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = bulk pack
019
1
0
K
5
2
Y0
V9
0
L
0


Similar Part No. - Y0019120K500F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y0014150K000A0L VISHAY-Y0014150K000A0L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A19L VISHAY-Y0014150K000A19L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A1L VISHAY-Y0014150K000A1L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A29L VISHAY-Y0014150K000A29L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A2L VISHAY-Y0014150K000A2L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
More results

Similar Description - Y0019120K500F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com