Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC20AM10R0GT1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LCC20AM10R0GT1
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCC20AM10R0GT1 Datasheet(HTML) 3 Page - Vishay Siliconix

  LCC20AM10R0GT1 Datasheet HTML 1Page - Vishay Siliconix LCC20AM10R0GT1 Datasheet HTML 2Page - Vishay Siliconix LCC20AM10R0GT1 Datasheet HTML 3Page - Vishay Siliconix LCC20AM10R0GT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LCC, TLCC
Hermetic, 50 Mil Pitch, Leadless Chip Resistor
Networks
Vishay Thin Film
Document Number: 60012
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 31-Jul-08
39
Note
(1) LCC or LCCT only available in 20 pin size
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Alumina
Body
Ceramic
Terminals
Gold over nickel
Marking Resistance to Solvents
Per MIL-PRF-83401
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Lead (Pb)-free Finish
Hot solder dip
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TLCC20AE1002BUF (preferred part number format)
GLOBAL
MODEL
(4 or 5 digits)
TERMINAL
COUNT (1)
SCHEMATICS
(4 or 5 digits)
TCR
CHARACTERISTICS
RESISTANCE
TOLERANCE
PACKAGING
LCC
(Tin lead)
LCCT
(Tin lead)
TLCC
(Lead
(Pb)-free)
TLCCT
(Lead
(Pb)-free)
(e1)
20
20
16
20
24
16
20
24
A =Isolated
resistors
B = Resistor to
common bus
A01 = Resistor to
common bus
A03 = Isolated
parallel
resistor
A06 =Isolated
adjacent
resistor
E = 25 ppm/°C
H = 50 ppm/°C
K = 100 ppm/°C
M = 300 ppm/°C
First 3 digits are
significant figures
and the last digit
specifies the
number of zeroes
to follow.
Example:
10R0 = 10
Ω
12R5 = 12.5
Ω
1000 = 100
Ω
1001 = 1000
Ω
B = 0.1 %
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
S = Special
TAPE AND REEL
T0 = 100 min. 100 mult
T1 = 1000 min. 1000 mult
T3 = 300 min. 300 mult
T5 = 500 min. 500 mult
TF = Full reel 2000
TS = 100 min. 1 mult
UF = TUBED
Historical Part Number example: LC20BK1003J (will continue to be accepted)
LC
20
B
K
1003
J
SERIES
PINS
SCHEMATIC
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
CT
1
6
A
0
1
K
10
03
K
TL
C
UF
C2
0
A
E
10
02
B
TL
C
UF


Similar Part No. - LCC20AM10R0GT1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Shanghai Leiditech Elec...
LCC24DT3 LEIDITECH-LCC24DT3 Datasheet
129Kb / 3P
   USB 2.0 power and data line
logo
Artesyn Technologies
LCC250-12U-4P ARTESYN-LCC250-12U-4P Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
LCC250-12U-4PE ARTESYN-LCC250-12U-4PE Datasheet
959Kb / 7P
   250 Watts Convection/Conduction Mounting
More results

Similar Description - LCC20AM10R0GT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com