Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T95B107M010CSAS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T95B107M010CSAS
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95B107M010CSAS Datasheet(HTML) 1 Page - Vishay Siliconix

  T95B107M010CSAS Datasheet HTML 1Page - Vishay Siliconix T95B107M010CSAS Datasheet HTML 2Page - Vishay Siliconix T95B107M010CSAS Datasheet HTML 3Page - Vishay Siliconix T95B107M010CSAS Datasheet HTML 4Page - Vishay Siliconix T95B107M010CSAS Datasheet HTML 5Page - Vishay Siliconix T95B107M010CSAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Solid Tantalum Chip Capacitors
TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
T95
Vishay Sprague
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
149
FEATURES
• High reliability; Weibull grading available
• Surge Current Testing per MIL-PRF-55365
options available
• Standard and Low ESR options
• Terminations: SnPb, Standard. 100 % Tin
available
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Capacitance Range: 0.1 µF to 680 µF
Capacitance Tolerance: ± 20 %, ± 10 % standard
Voltage Rating: 4 WVDC to 50 WVDC
Note: (2) Weibull 0.1 % may not be available on all ratings. See detailed notes in ratings table or contact marketing for availability
ORDERING INFORMATION
T95
D
107
K
010
E
A
A
S
TYPE CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING AT + 85 °C
TERMINATION AND
PACKAGING
RELIABILITY
LEVEL
SURGE CURRENT
ESR
See
Ratings
and
Case
Codes
Table.
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third is
the number of
zeros to follow.
K = ± 10 %
M = ± 20 %
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V).
E: Sn/Pb Solder/7"
(178 mm) reels
L: Sn/Pb Solder/7"
(178 mm) ½ reel
C: 100 % Tin/7"
(178 mm) reels
H: 100 % Tin/7"
(178 mm) ½ reel
A = 1.0 %
Weibull
B = 0.1 %
Weibull (2)
S = Hi-Rel
Standard
Burn-in
Z = Non-
Established
Reliability
A = 10 cycles at
+ 25 °C
B = 10 cycles at
- 55 °C/+ 85 °C
S = 3 cycles at
+ 25 °C
S = Std
L = Low
DIMENSIONS in inches [millimeters]
CASE
CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
B
0.158
[4.0]
0.110 + 0.012 - 0.016
[2.8 + 0.3 - 0.4]
0.075 + 0.012 - 0.024
[1.9 + 0.3 - 0.6]
0.031 ± 0.012
[0.80 ± 0.30]
0.097 ± 0.016
[2.5 ± 0.4]
0.138
[3.5]
0.004
[0.1]
C
0.281
[7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.098 ± 0.012
[2.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.236
[6.0]
0.004
[0.1]
D
0.293
[7.5]
0.170 ± 0.012
[4.3 ± 0.3]
0.110 ± 0.012
[2.8 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.253
[6.4]
0.004
[0.1]
R
0.283
[7.2]
0.235 + 0.012/- 0.024
[6.0 + 0.3/- 0.6]
0.136 ± 0.012
[3.5 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.30]
0.180 ± 0.024
[4.6 ± 0.6]
0.243
[6.2]
0.004
[0.1]
S
0.143
[3.63]
0.072 ± 0.008
[1.83 ± 0.2]
0.048 ± 0.008
[1.22 ± 0.2]
0.023 ± 0.010
[0.58 ± 0.25]
0.085 ± 0.015
[2.16 ± 0.37]
0.115
[2.9]
0.004
[0.1]
V
0.143
[3.63]
0.104 ± 0.010
[2.65 ± 0.25]
0.051 ± 0.010
[1.3 ± 0.25]
0.023 ± 0.010
[0.58 ± 0.25]
0.085 ± 0.015
[2.16 ± 0.37]
0.115
[2.9]
0.004
[0.1]
X
0.285
[7.24]
0.104 ± 0.010
[2.65 ± 0.25]
0.051 ± 0.010
[1.3 ± 0.25]
0.040 ± 0.020
[1.0 ± 0.5]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.2]
0.004
[0.1]
Y
0.285
[7.24]
0.104 ± 0.010
[2.65 ± 0.25]
0.069 ± 0.010
[1.75 ± 0.25]
0.040 ± 0.020
[1.0 ± 0.5]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.2]
0.004
[0.1]
Z
0.285
[7.24]
0.104 ± 0.010
[2.65 ± 0.25]
0.104 ± 0.010
[2.65 ± 0.25]
0.040 ± 0.020
[1.0 ± 0.5]
0.200 ± 0.027
[5.08 ± 0.69]
0.243
[6.2]
0.004
[0.1]
Note: The anode termination (D less B) will be a minimum of 0.010" (0.25 mm)
* Pb containing terminations are not RoHS compliant, exemptions may apply
L
A
B
D
MAX.
REF.
W
J
J
H
MAX.
MAX.
Tantalum Wire
Nib Identifies
Anode (+)
Terminal
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - T95B107M010CSAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95B156K010CAAL VISHAY-T95B156K010CAAL Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T95B156K016CAAL VISHAY-T95B156K016CAAL Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
More results

Similar Description - T95B107M010CSAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com