Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2481 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC2481
Description  0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2481 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC2481 Datasheet HTML 1Page - Transcom, Inc. TC2481 Datasheet HTML 2Page - Transcom, Inc. TC2481 Datasheet HTML 3Page - Transcom, Inc. TC2481 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC2481
REV4_20070507
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 4
0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
FEATURES
• 27 dBm Typical Output Power at 6 GHz
• 11 dB Typical Linear Power Gain at 6 GHz
• High Linearity: IP3 = 37 dBm Typical at 6 GHz
• High Power Added Efficiency:
Nominal PAE of 37 % at 6 GHz
• Breakdown Voltage: BV
DGO
≥ 15 V
• Lg = 0.35 µm, Wg = 1.2 mm
• Tight Vp ranges control
• High RF input power handling capability
• 100 % DC Tested
Micro-X Metal Ceramic Package
DESCRIPTION
The TC2481 is packaged with the TC1401 Pseudomorphic High Electron Mobility Transistor (PHEMT) chip. All
devices are 100% DC tested to assure consistent quality. Typical applications include high dynamic range power
amplifiers for commercial applications.
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point, f = 6GHz VDS = 8 V, IDS = 120 mA
26.5
27
dBm
GL
Linear Power Gain , f = 6GHz VDS = 8 V, IDS = 120 mA
11
dB
IP3
Intercept Point of the 3
rd-order Intermodulation, f = 6GHz V
DS = 8 V, IDS = 120 mA, *PSCL = 14 dBm
37
dBm
PAE
Power Added Efficiency at 1dB Compression Power, f = 6GHz
37
%
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
300
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
200
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 2.4 mA
-1.7**
Volts
BVDGO Drain-Gate Breakdown Voltage at IDGO =0.6 mA
15
18
Volts
Rth
Thermal Resistance
50
°C/W
Note: * PSCL: Output Power of Single Carrier Level.
** For the tight control of the pinch-off voltage range, we divide TC2481 into 3 model numbers to fit customer design requirement
(1)TC2481P1519 : Vp = -1.5V to -1.9V (2)TC2481P1620 : Vp = -1.6V to -2.0V (3)TC2481P1721 : Vp = -1.7V to -2.1V
If required, customer can specify the requirement in purchasing document. For special Vp requirement, please contact factory for details.
PHOTO ENLARGEMENT


Similar Part No. - TC2481

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11SRWA KINGBRIGHT-TC24-11SRWA Datasheet
149Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

Similar Description - TC2481

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
   2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2876 TRANSCOM-TC2876 Datasheet
52Kb / 2P
   5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
   0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
   1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
   2 W Packaged Single-Bias PHEMT GaAs Power FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com