Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0402WGF0000TCE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. 0402WGF0000TCE
Description  Thick Film Chip Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

0402WGF0000TCE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 8
29/08/07 V1.1
Thick Film Chip Resistors
Multiplier Code (for 0402 1% Marking)
Standard E-96 Series Resistance Value Code (for 0402 1% Marking)
Value
Code
Value
Code
Value
Code
Value
Code
Value
Code
100
01
162
21
261
41
422
61
681
81
102
02
165
22
267
42
432
62
698
82
105
03
169
23
274
43
442
63
715
83
107
04
174
24
280
44
453
64
732
84
110
05
178
25
287
45
464
65
750
85
113
06
182
26
294
46
475
66
768
86
115
07
187
27
301
47
487
67
787
87
118
08
191
28
309
48
499
68
806
88
121
09
196
29
316
49
511
69
825
89
124
10
200
30
324
50
523
70
845
90
127
11
205
31
332
51
536
71
866
91
130
12
210
32
340
52
549
72
887
92
133
13
215
33
348
53
562
73
909
93
137
14
221
34
357
54
576
74
931
94
140
15
226
35
365
55
590
75
953
95
143
16
232
36
374
56
604
76
976
96
147
17
237
37
383
57
619
77
-
-
150
18
243
38
392
58
634
78
-
-
154
19
249
39
402
59
649
79
-
-
158
20
255
40
412
60
665
80
-
-
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
10 0
10 1
10 2
10 3
10 4
10 5
10 6
10 7
10 -1
10 -2
10 -3
Stocked Values
Tolerance
Wattage
Preferred Value Range
Range Value
1%
0.06W
E96
0R - 1M
1%
0.1W
E24
0R - 1M
1%
0.125W
E24
0R - 1M


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn