Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCM188C71A105K Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GCM188C71A105K
Description  Chip Monolithic Ceramic Capacitor 0603 X7S 1關F 10V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM188C71A105K Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GCM188C71A105K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Monolithic Ceramic Capacitor
Electrical Characteristics Data
Murata Global Part No : GCM188C71A105K
1. Dimension
3. Impedance/ESR - Frequency
Equipment: 4294A(16044A)
( mm)
LW
T
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
2. Cap,DF,IR
Capacitance,DF 1kHz ,1Vrms
IR
10V , 120s
Item
Spec
Cap.[
μF]
0.9 to 1.1
DF
0.1 max
IR[M ohm]
500 min
Frequency (MHz)
4. Capacitance - Temperature Characteristics
5. Temperature Rise - Ripple Current
Equipment:
4284A
(Only for reference)
Equipment:
CVHF-400
Temperature (deg.C)
Current (Arms)
6. Capacitance - DC Voltage Characteristics
7. Capacitance - AC Voltage Characteristics
Equipment:
4284A
Equipment:
4284A
Voltage (Vdc)
Voltage (Vrms)
This PDF has only typical specifications because there is no space for detailed specifications.
Therefore, please approve our product specification or transact the approval sheet for product specification
before ordering. Product specifications in this PDF are as of Dec 2005.
They are subject to change or our products in it may be discontinued without advance notice
0603 X7S 1
μF 10V
0.001
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
Impedance
ESR
-100
-80
-60
-40
-20
0
20
40
-75
-50
-25
0
25
50
75
100
125
150
No Bias
-100
-80
-60
-40
-20
0
20
02
468
10
12
-60
-50
-40
-30
-20
-10
0
10
20
30
0
0.5
1
1.5
2
2.5
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
100kHz
500kHz
1MHz
T
W
L


Similar Part No. - GCM188C71A105K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM188C75C0JR50D MURATA-GCM188C75C0JR50D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GCM188C75C1AR50D MURATA-GCM188C75C1AR50D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GCM188C75C1CR50D MURATA-GCM188C75C1CR50D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GCM188C71A105K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM21BC71A475K MURATA-GCM21BC71A475K Datasheet
66Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X7S 4.7關F 10V
GRM185R61A105K MURATA-GRM185R61A105K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1關F 10V
GRM185C81A105K MURATA-GRM185C81A105K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X6S 1關F 10V
GRM185D71A105K MURATA-GRM185D71A105K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X7T 1關F 10V
GRM188C70G225K MURATA-GRM188C70G225K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X7S 2.2關F 4V
GRM188C70J225K MURATA-GRM188C70J225K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X7S 2.2關F 6.3V
GRM188R61A335K MURATA-GRM188R61A335K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 3.3關F 10V
GRM188R71A225K MURATA-GRM188R71A225K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X7R 2.2關F 10V
GRM1887U1A223J MURATA-GRM1887U1A223J Datasheet
41Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 U2J 0.022關F 10V
GRM188R61A225K MURATA-GRM188R61A225K Datasheet
63Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 2.2關F 10V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com