Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S470K33SL0R63K7. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # S470K33SL0R63K7.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S470K33SL0R63K7. Datasheet(HTML) 4 Page - Vishay Siliconix

  S470K33SL0R63K7. Datasheet HTML 1Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 2Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 3Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 4Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 5Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 6Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 7Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 8Page - Vishay Siliconix S470K33SL0R63K7. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number 28515
52
Revision 26-Oct-06
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Notes
1. Maximum thickness 4.5 mm.
2. SH = seated height.
3. Lead style codes refer to inward kinked leads. Other styles available on request.
ORDERING INFORMATION, 1 KV (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
KINKED
CLASS 2 X5F
100
± 10
6.5
5.0
4.0
S101K25X5FN6.J5R
220
S221K25X5FN6.J5R
270
S271K25X5FN6.J5R
330
S331K25X5FN6.J5R
390
S391K25X5FN6.J5R
470
S471K25X5FN6.J5R
680
7.5
S681K29X5FN6.J5R
820
S821K29X5FN6.J5R
1000
S102K29X5FN6.J5R
2200
11.0
S222K43X5FN6.J5R
3300
13.5
7.5
4.8
S332K53X5FN6.J7R
4700
16.0
7.5
S472K63X5FN63J7R


Similar Part No. - S470K33SL0R63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S470K25SL0N6.J5 VISHAY-S470K25SL0N6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S470K25SL0N6J5 VISHAY-S470K25SL0N6J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
S470K29SL0P6. VISHAY-S470K29SL0P6. Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S470K29U2MS6.K7. VISHAY-S470K29U2MS6.K7. Datasheet
289Kb / 5P
   Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Revision: 12-Dec-06
More results

Similar Description - S470K33SL0R63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com