Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-103-Z-20-C0G-F-5-UAA Datasheet(PDF) 9 Page - Vishay Siliconix

Part # A-103-Z-20-C0G-F-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A-103-Z-20-C0G-F-5-UAA Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button A-103-Z-20-C0G-F-5-UAA Datasheet HTML 2Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 3Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 4Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 5Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 6Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 7Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 8Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 9Page - Vishay Siliconix A-103-Z-20-C0G-F-5-UAA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
28
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
MONO-AXIAL C0G - 100 VDC V CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
120
100 Vdc
A121J15C0GH5UAA
A121K15C0GH5UAA
AMMO
150
A151J15C0GH5TAA
A151K15C0GH5TAA
REEL
150
A151J15C0GH5UAA
A151K15C0GH5UAA
AMMO
180
A181J15C0GH5TAA
A181K15C0GH5TAA
REEL
180
A181J15C0GH5UAA
A181K15C0GH5UAA
AMMO
220
A221J15C0GH5TAA
A221K15C0GH5TAA
REEL
220
A221J15C0GH5UAA
A221K15C0GH5UAA
AMMO
270
A271J15C0GH5TAA
A271K15C0GH5TAA
REEL
270
A271J15C0GH5UAA
A271K15C0GH5UAA
AMMO
330
A331J15C0GH5TAA
A331K15C0GH5TAA
REEL
330
A331J15C0GH5UAA
A331K15C0GH5UAA
AMMO
390
A391J15C0GH5TAA
A391K15C0GH5TAA
REEL
390
A391J15C0GH5UAA
A391K15C0GH5UAA
AMMO
470
A471J15C0GH5TAA
A471K15C0GH5TAA
REEL
470
A471J15C0GH5UAA
A471K15C0GH5UAA
AMMO
560
A561J15C0GH5TAA
A561K15C0GH5TAA
REEL
560
A561J15C0GH5UAA
A561K15C0GH5UAA
AMMO
680
A681J15C0GH5TAA
A681K15C0GH5TAA
REEL
680
A681J15C0GH5UAA
A681K15C0GH5UAA
AMMO
820
A821J15C0GH5TAA
A821K15C0GH5TAA
REEL
820
A821J15C0GH5UAA
A821K15C0GH5UAA
AMMO
1000
A102J20C0GH5TAA
A102K20C0GH5TAA
REEL
1000
A102J20C0GH5UAA
A102K20C0GH5UAA
AMMO
1200
A122J20C0GH5TAA
A122K20C0GH5TAA
REEL
1200
A122J20C0GH5UAA
A122K20C0GH5UAA
AMMO
1500
A152J20C0GH5TAA
A152K20C0GH5TAA
REEL
1500
A152J20C0GH5UAA
A152K20C0GH5UAA
AMMO
1800
A182J20C0GH5TAA
A182K20C0GH5TAA
REEL
1800
A182J20C0GH5UAA
A182K20C0GH5UAA
AMMO
2200
A222J20C0GH5TAA
A222K20C0GH5TAA
REEL
2200
A222J20C0GH5UAA
A222K20C0GH5UAA
AMMO
2700
A272J20C0GH5TAA
A272K20C0GH5TAA
REEL
2700
A272J20C0GH5UAA
A272K20C0GH5UAA
AMMO
3300
A332J20C0GH5TAA
A332K20C0GH5TAA
REEL
3300
A332J20C0GH5UAA
A332K20C0GH5UAA
AMMO
3900
A392J20C0GH5TAA
A392K20C0GH5TAA
REEL
3900
A392J20C0GH5UAA
A392K20C0GH5UAA
AMMO
4700
A472J20C0GH5TAA
A472K20C0GH5TAA
REEL
4700
A472J20C0GH5UAA
A472K20C0GH5UAA
AMMO
5600
A562J20C0GH5TAA
A562K20C0GH5TAA
REEL
5600
A562J20C0GH5UAA
A562K20C0GH5UAA
AMMO


Similar Part No. - A-103-Z-20-C0G-F-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A-103-J-15-C0G-K-5-TAA VISHAY-A-103-J-15-C0G-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-C0G-K-5-UAA VISHAY-A-103-J-15-C0G-K-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-C0G-L-5-TAA VISHAY-A-103-J-15-C0G-L-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-C0G-L-5-UAA VISHAY-A-103-J-15-C0G-L-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-X7R-K-5-TAA VISHAY-A-103-J-15-X7R-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results

Similar Description - A-103-Z-20-C0G-F-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com