Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110HF120 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T110HF120
Description  Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T110HF120 Datasheet(HTML) 2 Page - Vishay Siliconix

  T110HF120 Datasheet HTML 1Page - Vishay Siliconix T110HF120 Datasheet HTML 2Page - Vishay Siliconix T110HF120 Datasheet HTML 3Page - Vishay Siliconix T110HF120 Datasheet HTML 4Page - Vishay Siliconix T110HF120 Datasheet HTML 5Page - Vishay Siliconix T110HF120 Datasheet HTML 6Page - Vishay Siliconix T110HF120 Datasheet HTML 7Page - Vishay Siliconix T110HF120 Datasheet HTML 8Page - Vishay Siliconix T110HF120 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93587
2
Revision: 12-Jun-08
T..HF Series
Vishay High Power Products
Power Rectifier Diodes (T-Modules),
40 A/70 A/85 A/110 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = 25 °C
µA
T40HF..
T70HF..
T85HF..
T110HF..
10
100
150
100
20
200
300
40
400
500
60
600
700
80
800
900
100
1000
1100
120
1200
1300
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
T40HF T70HF
T85HF
T110HF UNITS
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
40
70
85
110
A
85
85
85
85
°C
Maximum RMS forward current
IF(RMS)
63
110
134
173
A
Maximum peak, one-cycle
forward, non-repetitive
surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal
half wave,
initial TJ =
TJ maximum
570
1200
1700
2000
A
t = 8.3 ms
600
1250
1800
2100
t = 10 ms
100 % VRRM
reapplied
480
1000
1450
1700
t = 8.3 ms
500
1050
1500
1780
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1630
7100
14 500
20 500
A2s
t = 8.3 ms
1500
6450
13 500
18 600
t = 10 ms
100 % VRRM
reapplied
1150
5000
10 500
14 500
t = 8.3 ms
1050
4570
9600
13 200
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
16 300 70 700 148 700 204 300
A2
√s
Low level value of
threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ maximum
0.66
0.76
0.68
0.68
V
High level value of
threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ maximum
0.84
0.95
0.90
0.86
Low level value of
forward slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ maximum
4.3
2.4
1.76
1.56
m
Ω
High level value of
forward slope resistance
rf2
(I >
π x I
F(AV)), TJ maximum
3.1
1.7
1.08
1.12
Maximum forward voltage drop
VFM
IFM = π x IF(AV), TJ = 25 °C,
tp = 400 µs square pulse
Average power = VF(TO) x IF(AV) + rf x (IF(RMS))2
1.30
1.35
1.27
1.35
V


Similar Part No. - T110HF120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T110HF120 VISHAY-T110HF120 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
More results

Similar Description - T110HF120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-T40HF VISHAY-VS-T40HF_V01 Datasheet
272Kb / 11P
   Power Rectifiers Diodes (T-modules), 40 A to 110 A
01-Jan-2022
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com