Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1UF0124 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SCH1UF0124
Description  Current Sensing Bondable Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SCH1UF0124 Datasheet(HTML) 2 Page - Vishay Siliconix

  SCH1UF0124 Datasheet HTML 1Page - Vishay Siliconix SCH1UF0124 Datasheet HTML 2Page - Vishay Siliconix SCH1UF0124 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 53013
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Oct-08
39
SA, SB, SC
Current Sensing Bondable
Chip Resistors
Vishay Sfernice
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SAK1UG0124
GLOBAL MODEL
TCR
VALUE
TOLERANCE
OPTION
SA
SB
SC
K = ± 100 ppm/°C
H = ± 50 ppm/°C
on request
U = Decimal
F = ± 1 %
G = ± 2 %
J = ± 5 %
S = special
leave blank
if no option
Historical Part Number example: S*A 100 1R G R0124 e4
S*A
100
1R
G
R0124
e4
GLOBAL MODEL
TCR
VALUE
TOLERANCE
OPTION
RoHS
SA
SB
SC
K = ± 100 ppm/°C
H = ± 50 ppm/°C
on request
U = Decimal
F = ± 1 %
G = ± 2 %
J = ± 5 %
S = special
leave blank
if no option
A
K
1
U
012
G
S
4


Similar Part No. - SCH1UF0124

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
SCH100 ACT-SCH100 Datasheet
659Kb / 3P
   Software Compensated OCXO
logo
Semtech Corporation
SCH10000 SEMTECH-SCH10000 Datasheet
111Kb / 3P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
logo
Advanced Crystal Techno...
SCH101 ACT-SCH101 Datasheet
700Kb / 3P
   Software Compensated OCXO
logo
Mallory Sonalert Produc...
SCH105R MSPI-SCH105R Datasheet
56Kb / 1P
   HAZARDOUS LOCATION ALARM
SCH110NJR MSPI-SCH110NJR Datasheet
56Kb / 1P
   HAZARDOUS LOCATION ALARM
More results

Similar Description - SCH1UF0124

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com