Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2306IDDXTRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2306IDDXTRPBF
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2306IDDXTRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2306IDDXTRPBF Datasheet HTML 1Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 2Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 3Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 4Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 5Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 6Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 7Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 8Page - Linear Technology LTC2306IDDXTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2302/LTC2306
5
23026f
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL(MAX)
Maximum Sampling Frequency
l
500
kHz
fSCK
Shift Clock Frequency
l
40
MHz
tWHCONV
CONVST High Time
(Note 9)
l
20
ns
tHD
Hold Time SDI After SCK
l
2.5
ns
tSUDI
Setup Time SDI Stable Before SCK
l
0ns
tWHCLK
SCK High Time
fSCK = fSCK(MAX)
l
10
ns
tWLCLK
SCK Low Time
fSCK = fSCK(MAX)
l
10
ns
tWLCONVST
CONVST Low Time During Data Transfer
(Note 9)
l
410
ns
tHCONVST
Hold Time CONVST Low After Last SCK
↓ (Note 9)
l
20
ns
tCONV
Conversion Time
l
1.3
1.6
μs
tACQ
Acquisition Time
7th SCK
↑ to CONVST↑ (Note 9)
l
240
ns
tdDO
SDO Data Valid After SCK
CL = 25pF (Note 9)
l
10.8
12.5
ns
thDO
SDO Hold Time SCK
CL = 25pF
l
4ns
ten
SDO Valid After CONVST
CL = 25pF
l
11
15
ns
tdis
Bus Relinquish Time
CL = 25pF
l
11
15
ns
tr
SDO Rise Time
CL = 25pF
4
ns
tf
SDO Fall Time
CL = 25pF
4
ns
tCYC
Total Cycle Time
2μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with VDD and OVDD
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below ground or above VDD,
they will be clamped by internal diodes. These products can handle input
currents greater than 100mA below ground or above VDD without latchup.
Note 4: VDD = 5V, OVDD = 5V, VREF = 4.096V, fSMPL = 500ksps, unless
otherwise specified.
Note 5: Linearity, offset and full-scale specifications apply for a single-
ended analog input with respect to GND for the LTC2306 and IN+ with
respect to INtied to GND for the LTC2302.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar zero error is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 and 1111 1111
1111. Unipolar zero error is the offset voltage measured from +0.5LSB
when the output code flickers between 0000 0000 0000 and 0000 0000
0001.
Note 8: Full-scale bipolar error is the worst-case of –FS or +FS untrimmed
deviation from ideal first and last code transitions and includes the effect
of offset error. Unipolar full-scale error is the deviation of the last code
transition from ideal and includes the effect of offset error.
Note 9: Guaranteed by design, not subject to test.
Note 10: All specifications in dB are referred to a full-scale ±2.048V input
with a 4.096V reference voltage.
Note 11: Full linear bandwidth is defined as the full-scale input frequency
at which the SINAD degrades to 60dB or 10 bits of accuracy.


Similar Part No. - LTC2306IDDXTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2306 LINER-LTC2306 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
More results

Similar Description - LTC2306IDDXTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2308 LINER-LTC2308 Datasheet
450Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com