Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-473-J-15-X7R-K-5-UAA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # A-473-J-15-X7R-K-5-UAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A-473-J-15-X7R-K-5-UAA Datasheet(HTML) 4 Page - Vishay Siliconix

  A-473-J-15-X7R-K-5-UAA Datasheet HTML 1Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 2Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 3Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 4Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 5Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 6Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 7Page - Vishay Siliconix A-473-J-15-X7R-K-5-UAA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
If not in range chart or for technical questions, please contact: cmll@vishay.com
Document Number: 45167
32
Revision: 18-Sep-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 200 - 500 Vdc
MONO-AXIAL X7R - 200 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
12 000
200 Vdc
A123K15X7RK5UAA
A123M15X7RK5UAA
AMMO
15 000
A153K15X7RK5TAA
A153M15X7RK5TAA
REEL
15 000
A153K15X7RK5UAA
A153M15X7RK5UAA
AMMO
18 000
A183K15X7RK5TAA
A183M15X7RK5TAA
REEL
18 000
A183K15X7RK5UAA
A183M15X7RK5UAA
AMMO
22 000
A223K15X7RK5TAA
A223M15X7RK5TAA
REEL
22 000
A223K15X7RK5UAA
A223M15X7RK5UAA
AMMO
27 000
A273K20X7RK5TAA
A273M20X7RK5TAA
REEL
27 000
A273K20X7RK5UAA
A273M20X7RK5UAA
AMMO
33 000
A333K20X7RK5TAA
A333M20X7RK5TAA
REEL
33 000
A333K20X7RK5UAA
A333M20X7RK5UAA
AMMO
39 000
A393K20X7RK5TAA
A393M20X7RK5TAA
REEL
39 000
A393K20X7RK5UAA
A393M20X7RK5UAA
AMMO
47 000
A473K20X7RK5TAA
A473M20X7RK5TAA
REEL
47 000
A473K20X7RK5UAA
A473M20X7RK5UAA
AMMO
MONO-AXIAL C0G - 200 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
33
200 Vdc
A330J15C0GK5TAA
A330K15C0GK5TAA
REEL
33
A330J15C0GK5UAA
A330K15C0GK5UAA
AMMO
39
A390J15C0GK5TAA
A390K15C0GK5TAA
REEL
39
A390J15C0GK5UAA
A390K15C0GK5UAA
AMMO
47
A470J15C0GK5TAA
A470K15C0GK5TAA
REEL
47
A470J15C0GK5UAA
A470K15C0GK5UAA
AMMO
56
A560J15C0GK5TAA
A560K15C0GK5TAA
REEL
56
A560J15C0GK5UAA
A560K15C0GK5UAA
AMMO
68
A680J15C0GK5TAA
A680K15C0GK5TAA
REEL
68
A680J15C0GK5UAA
A680K15C0GK5UAA
AMMO
82
A820J15C0GK5TAA
A820K15C0GK5TAA
REEL
82
A820J15C0GK5UAA
A820K15C0GK5UAA
AMMO
100
A101J15C0GK5TAA
A101K15C0GK5TAA
REEL
100
A101J15C0GK5UAA
A101K15C0GK5UAA
AMMO
120
A121J15C0GK5TAA
A121K15C0GK5TAA
REEL
120
A121J15C0GK5UAA
A121K15C0GK5UAA
AMMO
150
A151J15C0GL5TAA
A151K15C0GL5TAA
REEL
150
A151J15C0GL5UAA
A151K15C0GL5UAA
AMMO
180
A181J15C0GL5TAA
A181K15C0GL5TAA
REEL
180
A181J15C0GL5UAA
A181K15C0GL5UAA
AMMO
220
A221J15C0GL5TAA
A221K15C0GL5TAA
REEL
220
A221J15C0GL5UAA
A221K15C0GL5UAA
AMMO
270
A271J15C0GL5TAA
A271K15C0GL5TAA
REEL
270
A271J15C0GL5UAA
A271K15C0GL5UAA
AMMO
330
A331J15C0GL5TAA
A331K15C0GL5TAA
REEL
330
A331J15C0GL5UAA
A331K15C0GL5UAA
AMMO
390
A391J15C0GL5TAA
A391K15C0GL5TAA
REEL
390
A391J15C0GL5UAA
A391K15C0GL5UAA
AMMO
470
A471J20C0GL5TAA
A471K20C0GL5TAA
REEL
470
A471J20C0GL5UAA
A471K20C0GL5UAA
AMMO
560
A561J20C0GL5TAA
A561K20C0GL5TAA
REEL
560
A561J20C0GL5UAA
A561K20C0GL5UAA
AMMO
680
A681J20C0GL5TAA
A681K20C0GL5TAA
REEL
680
A681J20C0GL5UAA
A681K20C0GL5UAA
AMMO
820
A821J20C0GL5TAA
A821K20C0GL5TAA
REEL


Similar Part No. - A-473-J-15-X7R-K-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A-473-J-15-X7R-F-5-TAA VISHAY-A-473-J-15-X7R-F-5-TAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
A-473-J-15-X7R-F-5-UAA VISHAY-A-473-J-15-X7R-F-5-UAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
A-473-J-15-X7R-H-5-TAA VISHAY-A-473-J-15-X7R-H-5-TAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
A-473-J-15-X7R-H-5-UAA VISHAY-A-473-J-15-X7R-H-5-UAA Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
More results

Similar Description - A-473-J-15-X7R-K-5-UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com