Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2309IUFXPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2309IUFXPBF
Description  8-Channel, 12-Bit SAR ADC with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2309IUFXPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2309IUFXPBF Datasheet HTML 4Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 5Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 6Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 7Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 8Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 9Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 10Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 11Page - Linear Technology LTC2309IUFXPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2309
8
2309f
FUNCTIONAL BLOCK DIAGRAM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
2308 BD
I2C
PORT
ANALOG
INPUT
MUX
REFCOMP
INTERNAL
2.5V REF
AVDD
DVDD
GND
12-BIT
SAR ADC
LTC2309
8k
GAIN = 1.6384x
+
VREF
SDA
SCL
AD1
AD0
TIMING DIAGRAM
Definition of Timing for Fast/Standard Mode Devices on the I2C Bus
SDA
SCL
SSr
P
S
tHD(SDA)
S = START, Sr = REPEATED START, P = STOP
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
tr
tf
tr
tf
tHIGH
2309 TD


Similar Part No. - LTC2309IUFXPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2309 LINER-LTC2309 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
More results

Similar Description - LTC2309IUFXPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
TLA2528 TI1-TLA2528 Datasheet
459Kb / 36P
[Old version datasheet]   TLA2528 Small, 8-Channel, 12-Bit ADC With I2C Interface and GPIOs
ADS7138 TI1-ADS7138 Datasheet
708Kb / 75P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
ADS7128 TI1-ADS7128 Datasheet
816Kb / 79P
[Old version datasheet]   Small, 8-Channel, 12-Bit ADC With I2C Interface, GPIOs, and CRC
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com