Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2308CUFXTRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2308CUFXTRPBF
Description  Low Noise, 500ksps, 8-Channel, 12-Bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2308CUFXTRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2308CUFXTRPBF Datasheet HTML 4Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 5Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 6Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 7Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 8Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 9Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 10Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 11Page - Linear Technology LTC2308CUFXTRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2308
8
2308f
PIN FUNCTIONS
CH3-CH7 (Pins 1, 2, 3, 4, 5): Channel 3 to Channel 7
Analog Inputs. CH3 – CH7 can be configured as single-
ended or differential input channels. See the Analog Input
Multiplexer section.
COM (Pin 6): Common Input. This is the reference point
for all single-ended inputs. It must be free of noise and
connected to ground for unipolar conversions and midway
between GND and REFCOMP for bipolar conversions.
VREF (Pin 7): 2.5V Reference Output. Bypass to GND with
a minimum 2.2μF tantalum capacitor or low ESR ceramic
capacitor. The internal reference may be over driven by an
external 2.5V reference at this pin.
REFCOMP (Pin 8): Reference Buffer Output. Bypass to
GND with a 10μF tantalum and 0.1μF ceramic capacitor
in parallel. Nominal output voltage is 4.096V.
GND (Pins 9, 10, 11, 18, 20): Ground. All GND pins must
be connected to a solid ground plane.
AVDD (Pins 12, 13):5V Analog Supply. The range of AVDD is
4.75V to 5.25V. Bypass AVDD to GND with a 0.1μF ceramic
and a 10μF tantalum capacitor in parallel.
CONVST (Pin 14): Conversion Start. A rising edge at
CONVSTbeginsaconversion.Forbestperformance,ensure
that CONVST returns low within 40ns after the conversion
starts or after the conversion ends.
SDI (Pin 15): Serial Data Input. The SDI serial bit stream
configures the ADC and is latched on the rising edge of
the first 6 SCK pulses.
SCK (Pin 16): Serial Data Clock. SCK synchronizes the
serial data transfer. The serial data input at SDI is latched
on the rising edge of SCK. The serial data output at SDO
transitions on the falling edge of SCK.
SDO (Pin 17): Serial Data Out. SDO outputs the data from
the previous conversion. SDO is shifted out serially on the
falling edge of each SCK pulse.
OVDD (Pin 19): Output Driver Supply. Bypass OVDD to
GND with a 0.1μF ceramic capacitor close to the pin. The
range of OVDD is 2.7V to 5.25V.
DVDD (Pin 21): 5V Digital Supply. The range of DVDD is
4.75V to 5.25V. Bypass DVDD to GND with a 0.1 μF ceramic
and a 10μF tantalum capacitor in parallel.
CH0-CH2 (Pins 22, 23, 24): Channel 0 to Channel 2
Analog Inputs. CH0 – CH2 can be configured as single-
ended or differential input channels. See the Analog Input
Multiplexer section.
GND (Pin 25): Exposed Pad Ground. Must be soldered
directly to ground plane.


Similar Part No. - LTC2308CUFXTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2308 LINER-LTC2308 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
More results

Similar Description - LTC2308CUFXTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
   Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_11 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs Low-Noise 73dB SNR
Rev 2; 6/11
logo
Linear Technology
LTC2312-12 LINER-LTC2312-12 Datasheet
513Kb / 22P
   12-Bit, 500ksps Serial Sampling ADC in TSOT
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com