Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC-160AKF-107BA-10 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OC-160AKF-107BA-10
Description  Oven Controlled Crystal Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OC-160AKF-107BA-10 Datasheet(HTML) 1 Page - Vectron International, Inc

  OC-160AKF-107BA-10 Datasheet HTML 1Page - Vectron International, Inc OC-160AKF-107BA-10 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oven Controlled Crystal Oscillators (OCXO’s)
OC-160 Series (CO-730C)
Description:
The OC-160 Series offers low aging and excellent stability
options with quick warm-up performance with a standard
European CO-08 footprint.
Features:
• Frequencies: 5, 10, 12.8, 13, 16.384, 19.44, 20, 20.48 MHz
• European CO-08 Package
• Excellent Temperature Stability
• Superior Aging Characteristics
• Very Fast Warm-up
Performance Characteristics
Standard Frequencies:
5, 10, 12.8, 13, 16.384, 19.44, 20, 20.48 MHz, Available 1 MHz to 80 MHz
Package Size:
35.3 x 26.9 x 19.4 mm (1.4” x 1.06” x 0.76”)
Supply Voltage:
A: 15 Vdc ±5%
B: 12 Vdc ±5%
C: 5 Vdc ±5%
Input Power:
<6W turn-on (-20oC/70°C);
<2.5W steady-state @ +25°C (-20°C/70°C)
Output Type:
A: HCMOS
K: Sinewave ( >+10 dBm into 50 ohm)
J: Sinewave ( >+7 dBm into 50 ohm)
L: Sinewave ( >+13 dBm into 50 ohm)
Output Level (HCMOS):
“0” <0. 5V, “1” >4.5V
(HCMOS)
Rise/Fall Time tr/tf (HCMOS):
<10 ns (10% - 90%)
(HCMOS)
Symmetry (Duty/Cycle,HCMOS):
50/50 ±10% (@50% level)
(HCMOS)
Harmonics/subs:
-20 dBc (reduced level sinewave, for optional output)
Spurious:
-70 dBc (for sinewave output)
Temperature Stability:
B-308: ±3 x 10-8 over 0/50°C
B-109: ±1 x 10-9 over 0/50°C
D-508: ±5 x 10-8 over -20/70°C
D-509: ±5 x 10-9 over -20/70°C
F-107: ±1 x 10-7 over -40/85°C
F-108: ±1 x 10-8 over -40/85°C
Aging:
A: 1 x 10-8/day, 2x10-6/year
B: 3 x 10-9/day, 1x10-6/year
C: 1 x 10-9/day, 3x10-7/year
D: 5 x 10-10/day, 1x10-7/year
Short Term Stability (Allan Deviation):
5 x 10-11/second (with aging A or B); 5 x 10-12/second (with aging C or D)
Phase Noise (Typical @ 10 MHz):
With Aging:
A or B
Aging: C or D
10 Hz
-100 dBc/Hz
-120 dBc/Hz
100 Hz
-135 dBc/Hz
-140 dBc/Hz
1 kHz
-145 dBc/Hz
-145 dBc/Hz
10 kHz
-150 dBc/Hz
-150 dBc/Hz
50 kHz
-150 dBc/Hz
-150 dBc/Hz
Frequency vs. Supply:
2 x 10-9 per % change in supply (with Aging A or B)
5 x 10-10 per % change in supply (with Aging C or D)
Warm-up (Restabilization):
With Aging: A or B
Aging: C or D
(Frequency relative to two hours after
1 x 10-6 : 6 minutes 1 x 10-6:
2 minutes
turn-on following 24 hours off time
1 x 10-7 : 8 minutes 1 x 10-7: 2.5 minutes
at +25oC with a maximum ambient
3 x 10-8 : 10 minutes 3 x 10-8:
3 minutes
of <70oC)
3 x 10-8 : 30 minutes 1 x 10-8:
4 minutes
Electrical Frequency Adjust:
10 x 10-6 typical range (with Aging A or B)
2 x 10-6 typical range (with Aging C or D)
Mechanical Configuration:
Pins for PCB mounting
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Parameter
Characteristics
Note: Tighter stability options
are available, contact factory.
46
8798_AA's Vectron
05/30/02
3:11 PM
Page 46


Similar Part No. - OC-160AKF-107BA-10

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
OC-192 FINISAR-OC-192 Datasheet
179Kb / 2P
   Return to Zero (RZ) and Duo-Binary Extended Reach
More results

Similar Description - OC-160AKF-107BA-10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
   Oven Controlled Crystal Oscillators
08.18.14
logo
Vectron International, ...
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
   Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
   Oven Controlled Crystal Oscillators
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
   Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
   Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
   Oven Controlled Crystal Oscillators
08.20.14
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
   Oven Controlled Crystal Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com