Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLK620 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RLK620
Description  Ceramic Disc Capacitors, Class 1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLK620 Datasheet(HTML) 3 Page - Vishay Siliconix

  RLK620 Datasheet HTML 1Page - Vishay Siliconix RLK620 Datasheet HTML 2Page - Vishay Siliconix RLK620 Datasheet HTML 3Page - Vishay Siliconix RLK620 Datasheet HTML 4Page - Vishay Siliconix RLK620 Datasheet HTML 5Page - Vishay Siliconix RLK620 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22113
22
Revision: 31-Jan-06
RL.
Vishay Draloric
Ceramic Disc Capacitors, Class 1
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC DISC CAPACITORS, 500 V (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 150
2.2
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.5 x 5.0
5.0
0.6
Orange color
dot
or
Letter P
RLP922 AQ
S1R
2.4
7.5 x 5.0
RLP924 AQ
S1R
2.7
7.5 x 5.0
RLP927 AQ
S1R
3.0
7.5 x 5.0
RLP930 AQ
S1R
3.3
7.5 x 5.0
RLP933 AQ
S1R
3.6
7.5 x 5.0
RLP936 AQ
S1R
3.9
7.5 x 5.0
RLP939 AQ
S1R
4.3
7.5 x 5.0
RLP943 AQ
S1R
4.7
7.5 x 5.0
RLP947 AQ
S1R
5.1
7.5 x 5.0
RLP951 AQ
S1R
5.6
7.5 x 5.0
RLP956 AQ
S1R
6.2
7.5 x 5.0
RLP962 AQ
S1R
6.8
7.5 x 5.0
RLP968 AQ
S1R
7.5
7.5 x 5.0
RLP975 AQ
S1R
8.2
7.5 x 5.0
RLP982 AQ
S1R
9.1
7.5 x 5.0
RLP991 AQ
S1R
10
7.5 x 5.0
RLP100 AQ
S1R
11
10.0 x 5.0
RLP110 AQ
S1R
12
10.0 x 5.0
RLP120 AQ
S1R
13
10.0 x 5.0
RLP130 AQ
S1R
15
10.0 x 5.0
RLP150 AQ
S1R
16
10.0 x 5.0
RLP160 AQ
S1R
18
10.0 x 5.0
RLP180 AQ
S1R
20
10.0 x 5.0
RLP200 AQ
S1R
22
10.0 x 5.0
RLP220 AQ
S1R
24
10.0 x 5.0
RLP240 AQ
S1R
27
14.0 x 5.0
7.5
RLP270 AQ
S1R
30
14.0 x 5.0
RLP300 AQ
S1R
33
14.0 x 5.0
RLP330 AQ
S1R
CLASS 1
N 750
3.3
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.5 x 5.0
5.0
0.6
Violet color dot
or
Letter U
RLU933 AQ
S1R
3.6
7.5 x 5.0
RLU936 AQ
S1R
3.9
7.5 x 5.0
RLU939 AQ
S1R
4.3
7.5 x 5.0
RLU943 AQ
S1R
4.7
7.5 x 5.0
RLU947 AQ
S1R
5.1
7.5 x 5.0
RLU951 AQ
S1R
5.6
7.5 x 5.0
RLU956 AQ
S1R
6.2
7.5 x 5.0
RLU962 AQ
S1R
6.8
7.5 x 5.0
RLU968 AQ
S1R
7.5
7.5 x 5.0
RLU975 AQ
S1R
8.2
7.5 x 5.0
RLU982 AQ
S1R
9.1
7.5 x 5.0
RLU991 AQ
S1R
10
7.5 x 5.0
RLU100 AQ
S1R
11
7.5 x 5.0
RLU110 AQ
S1R
12
7.5 x 5.0
RLU120 AQ
S1R
13
7.5 x 5.0
RLU130 AQ
S1R
15
7.5 x 5.0
RLU150 AQ
S1R
16
7.5 x 5.0
RLU160 AQ
S1R
18
7.5 x 5.0
RLU180 AQ
S1R
20
7.5 x 5.0
RLU200 AQ
S1R
22
7.5 x 5.0
RLU220 AQ
S1R
24
7.5 x 5.0
RLU240 AQ
S1R
27
7.5 x 5.0
RLU270 AQ
S1R
30
10.0 x 5.0
RLU300 AQ
S1R
33
10.0 x 5.0
RLU330 AQ
S1R
36
10.0 x 5.0
RLU360 AQ
S1R
39
10.0 x 5.0
RLU390 AQ
S1R
43
10.0 x 5.0
RLU430 AQ
S1R
47
10.0 x 5.0
RLU470 AQ
S1R
51
10.0 x 5.0
RLU510 AQ
S1R
56
10.0 x 5.0
RLU560 AQ
S1R
62
14.0 x 5.0
7.5
RLU620 AQ
S1R
68
14.0 x 5.0
RLU680 AQ
S1R


Similar Part No. - RLK620

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
RLK23-1482 PF-RLK23-1482 Datasheet
1Mb / 5P
   Background suppression sensor
RLK28-55-1518 PF-RLK28-55-1518 Datasheet
770Kb / 4P
   Retroreflective sensor
2022-10-25
RLK29-55-5060 PF-RLK29-55-5060 Datasheet
1Mb / 6P
   Retroreflective sensor
More results

Similar Description - RLK620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
RFE international
1SL101J500A54B RFE-1SL101J500A54B Datasheet
633Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 1 Series: Temperature Compensating
2022.07.08
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
D101G29C0GH63L2R VISHAY-D101G29C0GH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com