Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-1206M1R60FBBS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # L-1206M1R60FBBS
Description  Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

L-1206M1R60FBBS Datasheet(HTML) 2 Page - Vishay Siliconix

  L-1206M1R60FBBS Datasheet HTML 1Page - Vishay Siliconix L-1206M1R60FBBS Datasheet HTML 2Page - Vishay Siliconix L-1206M1R60FBBS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-NS
Low Value (0.03
Ω to 10 Ω) Thin Film Chip Resistors
Vishay Thin Film
Document Number: 60027
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 31-Jul-08
59
DIMENSIONS in inches and millimeters
DERATING CURVE
CASE SIZE
SIZE
LWT
D
INCHES
mm
INCHES
mm
INCHES
mm
INCHES
mm
+ 0.010/- 0.005 + 0.25/- 0.13
± 0.005
± 0.13
MAX.
+ 0.010/- 0.005 + 0.25/- 0.13
0505
0.050
1.27
0.050
1.27
0.020
0.51
0.016
0.41
0805*, 0705*
0.075
1.91
0.050
1.27
0.020
0.51
0.021
0.53
1005
0.100
2.54
0.050
1.27
0.030
0.76
0.021
0.53
1020
0.100
2.54
0.200
5.08
0.030
0.76
0.015
0.38
1206
0.126
3.20
0.063
1.60
0.030
0.76
0.020
0.51
1505
0.150
3.81
0.050
1.27
0.030
0.76
0.021
0.53
2010
0.200
5.08
0.100
2.54
0.030
0.76
0.019
0.48
2512
0.250
6.35
0.125
3.18
0.030
0.76
0.019
0.48
D
W
L
T
MECHANICAL SPECIFICATIONS
Resistive Element
Nickel Alloy
Substrate Material
Alumina
Terminals
Pre-soldered or gold
Lead (Pb)-free Option
96.5 % Sn, 3.0 % Ag, 0.5 % Cu
Lead (Pb)-free Finish
Hot Solder Dip
ENVIRONMENTAL TEST
TEST
1
Ω ΔR ± %
Thermal Shock
0.06
Short Term Overload
0.06
Low Temperature Operation
0.03
Resistance to Solder Heat
0.05
Moisture Resistance
0.35
High Temp. Exposure
0.35
Load Life (2000 h at + 70 °C)
0.40
TCR
± 235 ppm/°C
Ambient Temperature °C
0
70
125
150
0
20
40
60
80
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: L-1206M1R00GBT1 (preferred part number format)
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTICS
OHMIC
VALUE
TOLERANCE
TERMINATION
PACKAGING
L- = Low value
wraparound
chip resistor
0505
0805
1005
1020
1206
1505
2010
2512
M = 300 ppm/°C
N = 350 ppm/°C
O = 400 ppm/°C
P = 500 ppm/°C
First 3 digits
are significant
figures and
the last digit
specifies the
number of
zeroes to
follow. “R”
designates
the decimal
point.
Example:
0R10 = 0.1
Ω
1R60 = 1.6
Ω
F = 1 %
G = 2 %
H = 3 %
J = 5 %
K = 10 %
L = 20 %
B = Wraparound Sn/Pb solder
63 % Sn/37 % Pb w/
nickel barrier
G = Wraparound Au over Ni
(gold) termination
epoxy bondable
RoHS compliant - e4
W = Top side wire bondable
Au (gold)
RoHS compliant - e4
S = Wraparound lead
(Pb)-free solder
96.5 % Sn/3.0 % Ag/0.5 % Cu
RoHS compliant - e1
BS = BULK 100 Min 1 Mult
WS = WAFFLE 100 Min 1 Mult
TAPE AND REEL
T0 = 100 Min 100 Mult
T1 = 1000 Min 1000 Mult
T3 = 300 Min 300 Mult
T5 = 500 Min 500 Mult
TF = Full Reel
TS = 100 Min 1 Mult
Historical Part Number example: L1206M1R00HBT (will continue to be accepted)
L
1206
M
1R00
H
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTICS
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
12
06
M
1
R
0
0G
B
T
1
L-


Similar Part No. - L-1206M1R60FBBS

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-12000 RHOMBUS-IND-L-12000 Datasheet
22Kb / 1P
   Power Line Chokes (Beads)
L-12001 RHOMBUS-IND-L-12001 Datasheet
22Kb / 1P
   Power Line Chokes (Beads)
L-12002 RHOMBUS-IND-L-12002 Datasheet
22Kb / 1P
   Power Line Chokes (Beads)
L-12003 RHOMBUS-IND-L-12003 Datasheet
22Kb / 1P
   Power Line Chokes (Beads)
L-12004 RHOMBUS-IND-L-12004 Datasheet
22Kb / 1P
   Power Line Chokes (Beads)
More results

Similar Description - L-1206M1R60FBBS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
   Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
01-Jan-2022
LNS VISHAY-LNS Datasheet
94Kb / 4P
   Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-15
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
   Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
WSLS2512 VISHAY-WSLS2512 Datasheet
125Kb / 3P
   Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
Revision: 06-Oct-08
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0200FTB VISHAY-WSL2512R0200FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com