Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-5010-BAJ-1070-10 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OX-5010-BAJ-1070-10
Description  Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-5010-BAJ-1070-10 Datasheet(HTML) 2 Page - Vectron International, Inc

  OX-5010-BAJ-1070-10 Datasheet HTML 1Page - Vectron International, Inc OX-5010-BAJ-1070-10 Datasheet HTML 2Page - Vectron International, Inc OX-5010-BAJ-1070-10 Datasheet HTML 3Page - Vectron International, Inc OX-5010-BAJ-1070-10 Datasheet HTML 4Page - Vectron International, Inc OX-5010-BAJ-1070-10 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Min
Typ
Max
Units
Operating temperature range
vs. operating temperature range
-30
+30
ppb
-20 … +70°C
(Referenced to +25°C)
-50
+50
ppb
-40… +85°C
Parameter
Min
Typ
Max
Units
Condition
Initial tolerance
-0.2
+0.2
ppm
at time of shipment, nominal EFC
vs. supply voltage change
-10
+10
ppb
V
S ± 5% static
vs. load change
-10
+10
ppb
Load ± 5% static
vs. aging / day
-5.0
+5.0
ppb
after 30 days of operation
vs aging / year
-100
+100
ppb
≤ 60MHz; after 30 days of operation
vs. aging / year
-500
+500
ppb
>60MHz;
after 30 days of operation
Warm-up Time
2
minutes
to ± 100ppb of final frequency (1 hour
reading) @ +25°C
Parameter
Min
Typ
Max
Units
Condition
Supply voltage [Standard]
3.135
3.3
3.465
VDC
Power consumption
2.2
Watts
during warm-up
0.7
Watts
steady state @ +25°C
Parameter
Min
Typ
Max
Units
Condition
Signal [Standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.4
VDC
with Vs=3.3V and 15pF load
Signal Level (Voh)
2.4
VDC
with Vs=3.3V and 15pF load
Duty cycle
45
55
%
@ (Voh-Vol)/2
RF Output
Supply Voltage (Vs)
Frequency stabilities1 [SC Cut Crystal-Option-10 to 52 MHz]
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
OX-501
page: 2/5


Similar Part No. - OX-5010-BAJ-1070-10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-501 VECTRON-OX-501 Datasheet
199Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-501 VECTRON-OX-501_09 Datasheet
199Kb / 4P
   Oven Controlled Crystal Oscillator
OX-501 VECTRON-OX-501_12 Datasheet
633Kb / 4P
   Oven Controlled Crystal Oscillator
OX-501 VECTRON-OX-501_14 Datasheet
679Kb / 4P
   Oven Controlled Crystal Oscillator
More results

Similar Description - OX-5010-BAJ-1070-10

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-4000-DAE-108 VECTRON-OX-4000-DAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com