Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-1020P0R10FBBS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # L-1020P0R10FBBS
Description  Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

L-1020P0R10FBBS Datasheet(HTML) 1 Page - Vishay Siliconix

  L-1020P0R10FBBS Datasheet HTML 1Page - Vishay Siliconix L-1020P0R10FBBS Datasheet HTML 2Page - Vishay Siliconix L-1020P0R10FBBS Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Value (0.03
Ω to 10 Ω) Thin Film Chip Resistors
L-NS
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60027
58
Revision: 31-Jul-08
With extremely low resistances and high power capabilities,
VISHAY’s proven and unique ultra-low value resistors
can be used in your hybrid or surface mount applications.
These resistors are available with solderable or weldable
terminations.
CONSTRUCTION
FEATURES
• Lead (Pb)-free or Sn/Pb terminations available
• Homogeneous nickel alloy film
• No inductance for high frequency application
• Alumina substrates for high power handling capability
(2 W max power rating)
• Pre-soldered or gold terminations
• Epoxy bondable termination available
TYPICAL PERFORMANCE
(Resistor values beyond ranges shall be reviewed by the factory)
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
0805
Adhesion layer
High Purity
Alumina
Nickel barrier
Solder
coating
Passivation
Resistor Film
ABS
TCR
300
TOL
1.0
VALUE AND MINIMUM TOLERANCE
VALUE
(
Ω)
MINIMUM
TOLERANCE
0.1
± 2.0 %
0.25
± 1.0 %
0.5
± 1.0 %
1.0
± 1.0 %
2.0
± 1.0 %
10.0
± 1.0 %
< 0.1
20 %
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Case Sizes
0505, 0705, 0805, 1005, 1020, 1206, 1505, 2010, 2515
Resistance Range
0.03
Ω to 10.0 Ω
Absolute TCR
± 300 ppm/°C
- 55 °C to + 125 °C
Noise
< - 30 dB typical
Power Rating
up to 2.0 W
at + 70 °C
CASE SIZE
0505
0705
0805
1005
1020
1206
1505
2010
2512
Power Rating - mW
125
200
200
250
1000
330
500
1000
2000
Min. Resistance -
Ω
0.05
0.10
0.10
0.15
0.03
0.10
0.25
0.17
0.18
Max. Resistance -
Ω
5.0
6.0
6.0
10.0
3.0
10.0
10.0
10.0
10.0
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - L-1020P0R10FBBS

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-1028 RHOMBUS-IND-L-1028 Datasheet
39Kb / 1P
   Common Mode Inductor For DC/DC Power supply
L-1028V RHOMBUS-IND-L-1028V Datasheet
46Kb / 1P
   Common Mode Inductor For DC/DC Power supply
More results

Similar Description - L-1020P0R10FBBS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
   Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
01-Jan-2022
LNS VISHAY-LNS Datasheet
94Kb / 4P
   Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-15
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
   Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
WSLS2512 VISHAY-WSLS2512 Datasheet
125Kb / 3P
   Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
Revision: 06-Oct-08
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0200FTB VISHAY-WSL2512R0200FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com