Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3382X2 Datasheet(PDF) 18 Page - Vishay Siliconix

Part No. MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3382X2 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button MKP3382X2_08 Datasheet HTML 11Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 12Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 13Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 14Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 15Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 16Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 17Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 18Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 19Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 10-Nov-08
162
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
SUB-CLAUSE NUMBER AND
TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C4
4.15 Charge and discharge
10 000 cycles
Charge to 435 Vdc
Discharge resistance:
4.15.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.15.3 Final measurements
Capacitance
Tangent of loss angle
Insulation resistance
¦
ΔC/C¦ ≤ 10 % compared to values measured in
4.15.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.15.1.
≥ 50 % of values specified in section “Insulation
Resistance” of this specification
SUB-GROUP C5
4.16 Radio frequency
characteristic
Resonance frequency
≥ 0.9 times the value as specified in section
“Resonant Frequency” of this specification
SUB-GROUP C6
4.17 Passive flammability
Class B
Bore of gas jet: Ø 0.5 mm
Fuel: butane
Test duration for actual volume V in mm³:
V
≤ 250: 10 s
250 < V . 500: 20 s
500 < V . 1750: 30 s
V > 1750: 60 s
One flame application
After removing test flame from capacitor, the
capacitor must not continue to burn for more than
10 s. No burning particle must drop from the
sample.
SUB-GROUP C7
4.18 Active flammability
20 cycles of 2.5 kV discharges on the test
capacitor connected to URac
The cheese cloth around the capacitors shall not
burn with a flame.
No electrical measurements are required.
R
435 Vdc
1.25 x C dU dt
()
---------------------------------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn