Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3382X2 Datasheet(PDF) 12 Page - Vishay Siliconix

Part No. MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3382X2 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MKP3382X2_08 Datasheet HTML 8Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 9Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 10Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 11Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 12Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 13Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 14Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 15Page - Vishay Siliconix MKP3382X2_08 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 10-Nov-08
156
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
MOUNTING
Normal use
The capacitors are designed for mounting on printed -circuit boards.The capacitors packed in bandoliers are designed for
mounting in pinted-circuit boards by means of automatic insertion machines. For detailed tape specifications refer to “Packaging
Information”. www.vishay.com/doc?28139
Specific method of mounting to withstand vibration and shock
In order to withstand vibration and shock tests, it must be insured that the stand-off pips are in good contact with the printed-circuit
board:
• For pitches ≤ 15 mm capacitors shall be mechanically fixed by the leads
• For larger pitches the capacitors shall be mounted in the same way and the body clamped
Space requirements on printed circuit board
The maximum length and width of film capacitors is shown in the drawing:
• Eccentricity as in drawing. The maximum eccentricity is smaller than or equal to lead diameter of the product concerned
• Product heigth with seating plane as given by “IEC 60717”
as reference: hmax. ≤ h + 0.3 mm or hmax. ≤ h’ + 0.3 mm.
Storage temperature
• Storage temperature: T
stg = - 25 to + 40 °C with RH maximum 80 % without condesation
Ratings and characteristics reference conditions
Unless otherwise specified, all elctrical values apply to an ambient temperature of 23 ± 1 °C, an atmospheric pressure of 86 kPa
to 106 kPa and a relative humidity of 50 ± 2 %.
For reference testing, a conditioning period shall be applied over 96 ± 4 hours by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
SAFETY APPROVALS X2
VOLTAGE
VALUE
FILE NUMBERS
EN 60384-14 (ENEC)
(= IEC 60384-14 ed 3)
310 Vac
1 nF to 3.3 µF
FI 2008038
UL1414; CSA-C22.2 No.1
250 Vac
1 nF to 1 µF
E112471
UL 1283
305 Vac
1 nF to 3.3 µF
E109565
CSA-E384-14
310 Vac
1 nF to 3.3 µF
Pending
CQC
310 Vac
1 nF to 3.3 µF
CQC07001018685 (F)
CQC07001021279 (L)
CQC03001003071 (S)
CB-test certificate
310 Vac
1 nF to 3.3 µF
FI 5123
The ENEC-Approval together with the CB-certificate replace all national marks of the following countries (they have already signed the
ENEC-Agreement): Austria; Belgium; Czech. Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland; and United Kingdom.
Eccentricity
Imax. = I + 0.3 mm
bmax. = b + 0.3 mm
®
C
US
CQC
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn