Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3366Y2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKP3366Y2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3366Y2 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP3366Y2 Datasheet HTML 1Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 2Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 3Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 4Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 5Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 6Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 7Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 8Page - Vishay Siliconix MKP3366Y2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 28115
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 12-Jul-07
175
MKP 336 6 Y2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
MOUNTING
Normal Use
The capacitors are designed for mounting on printed-circuit
boards. The capacitors packed in bandoliers are designed
for mounting in printed-circuit boards by means of automatic
insertion machines.
Specific Method of Mounting to Withstand Vibration and
Shock
In order to withstand vibration and shock tests, it must be
ensured that the stand-off pips are in good contact with the
printed-circuit board:
• The capacitors shall be mechanically fixed by the leads
Space Requirements on printed Circuit Board
The maximum length and width of film capacitors is shown in
Figure:
• Eccentricity as in figure. The maximum eccentricity is
smaller than or equal to the lead diameter of the product
concerned
• Product height with seating plane as given by “IEC 60717”
as reference: hmax ≤ h + 0.3 mm
Storage Temperature
• Storage temperature: T
stg = 25 to + 40 °C with RH
maximum 80 % without condensation
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an
ambient temperature of 23 ± 1 °C, an atmospheric pressure
of 86 to 106 kPa and a relative humidity of 50 ± 2 %.
For reference testing, a conditioning period shall be applied
over 96 ± 4 hours by heating the products in a circulating air
oven at the rated temperature and a relative humidity not
exceeding 20 %.
SAFETY APPROVALS Y2
VOLTAGE
VALUE
FILE NUMBERS
EN132400
300 V (AC)
1 nF to 47 nF
FI 2006018
UL1414 and CSA-C 22.2 No 1
antenna coupling
250 V (AC)
1 nF to 47 nF
E112471
UL1283
300 V (AC)
1 nF to 47 nF
E109565
The Enec-approval together with the CB-Certificate replace all national marks of the following countries (they have already signed the
ENEC-Agreement): Austria; Belgium; Czech. Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Switzerland and United Kingdom.
16
CBA116
eccentricity
l
max = I + 0.3 mm
b
max = b + 0.3 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn