Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD-700-LAC-NEB-77.760 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # CD-700-LAC-NEB-77.760
Description  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700-LAC-NEB-77.760 Datasheet(HTML) 2 Page - Vectron International, Inc

  CD-700-LAC-NEB-77.760 Datasheet HTML 1Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 2Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 3Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 4Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 5Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 6Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 7Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 8Page - Vectron International, Inc CD-700-LAC-NEB-77.760 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International 166 Glover Avenue, Norwalk CT 06856-5160
Tel:1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Output Frequency (ordering option)
OUT1, 5.0 V option
OUT1, 3.3 V option
1.000
1.000
77.760
77.760
MHz
MHz
Supply Voltage
1
+5.0
+3.3
VDD
4.5
2.97
5.0
3.3
5.5
3.63
V
V
Supply Current
IDD
63
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Output Transition Times
Rise Time
2
Fall Time
2
tR
tF
5
5
ns
ns
Input Logic Levels
Output Logic High
2
Output Logic Low
2
VIH
VIL
2.0
0.5
V
V
Loss of Signal Indication
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Nominal Frequency on Loss of Signal
Output 1
Output 2
±75
±75
ppm
ppm
Symmetry or Duty Cycle
3
Out 1
Out 2
RCLK
SYM1
SYM2
RCLK
40/60
45/55
40/60
%
%
%
Absolute Pull Range (ordering option)
over operating temperature, aging, and
power supply variations
APR
±50
±80
±100
ppm
Test Conditions for APR (+5.0 V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3 V option)
VC
0.3
3.0
V
Gain Transfer
Positive
Phase Detector Gain
+5V option
+3.3V option
0.53
0.35
rad/V
rad/V
Operating temperature (ordering option)
0/70 or –40/85
°C
Control Voltage Leakage Current
IVCXO
±1
uA
1. A 0.01uF and 0.1uF parallel capacitor should be located as close to pin 14 as possible (and grounded).
2. Figure 2 defines these parameters. Figure 3 illustrates the equivalent five gate TTL load and operating conditions under which
these parameters are tested and specified. Loads greater than 15 pF will adversely effect rise/fall time as well as symmetry.
3. Symmetry is defined as (ON TIME/PERIOD with Vs=1.4 V for both 5.0 V and 3.3 V operation.
Figure 2. Output Waveform
Figure 3. OUT1, OUT2, RCLK, RDATA
80
%
1.4V
20
%
tF
tR
Period
On Time
+
-
+
-
IC
VC
13
.1μF
.01
μF
15pF
14
16
IDD
650
Ω
VDD
1.8k
7


Similar Part No. - CD-700-LAC-NEB-77.760

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD-700-LAC-GAB-XX.XXX ETC1-CD-700-LAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAC-GBB-XX.XXX ETC1-CD-700-LAC-GBB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAC-GCB-XX.XXX ETC1-CD-700-LAC-GCB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAC-GDB-XX.XXX ETC1-CD-700-LAC-GDB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAC-GEB-XX.XXX ETC1-CD-700-LAC-GEB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Similar Description - CD-700-LAC-NEB-77.760

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com