Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS-300-DFC-R4D2T4G Datasheet(PDF) 4 Page - Vectron International, Inc

Part # CS-300-DFC-R4D2T4G
Description  Clock Smoother
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CS-300-DFC-R4D2T4G Datasheet(HTML) 4 Page - Vectron International, Inc

  CS-300-DFC-R4D2T4G Datasheet HTML 1Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 2Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 3Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 4Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 5Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 6Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 7Page - Vectron International, Inc CS-300-DFC-R4D2T4G Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS-300 Clock Smoother
Vectron International, 267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 4 of 8
Rev: 02Jan07
25
217
200
150
260
Time (sec)
t S
t AMB-P
t L
t P
R
R DN
Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
t S
60 sec Min, 180 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC
t P
20 sec Min, 40 sec Max
Ramp Down
R DN
6
oC/sec Max
The CS-300 is being qualified to meet the
JEDEC standard for Pb-Free assembly. The
temperatures and time intervals listed are
based on the Pb-Free small body
requirements. The temperatures refer to the
topside of the package, measured on the
package body surface. The CS-300 should not
be subjected to a wash process that will
immerse it in solvents. NO CLEAN is the
recommended procedure. The CS-300 has
been designed for pick and place reflow
soldering. The CS-300 may be reflowed once
and should not be reflowed in the inverted
position.


Similar Part No. - CS-300-DFC-R4D2T4G

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
   RS Series -- Standard Models
CS-300H IET-CS-300H Datasheet
301Kb / 2P
   RS Series -- Standard Models
CS-300H-NIST IET-CS-300H-NIST Datasheet
301Kb / 2P
   RS Series -- Standard Models
More results

Similar Description - CS-300-DFC-R4D2T4G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Omron Electronics LLC
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-CD11 OMRON-E3T-CD11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
   ALARM CLOCK (CLOCK RADIO.ETC)
logo
Raltron Electronics Cor...
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
   CLOCK
CE8200A-LZ-80.000-T-4 RALTRON-CE8200A-LZ-80.000-T-4 Datasheet
234Kb / 2P
   CLOCK
CE8250A-LZ-25.000-T-4 RALTRON-CE8250A-LZ-25.000-T-4 Datasheet
234Kb / 2P
   CLOCK
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
Cirrus Logic
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com