Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFIY2-DN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RFIY2-DN
Description  Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RFIY2-DN Datasheet(HTML) 3 Page - Vishay Siliconix

  RFIY2-DN Datasheet HTML 1Page - Vishay Siliconix RFIY2-DN Datasheet HTML 2Page - Vishay Siliconix RFIY2-DN Datasheet HTML 3Page - Vishay Siliconix RFIY2-DN Datasheet HTML 4Page - Vishay Siliconix RFIY2-DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 28518
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 12-Dec-06
80
EMI/RFI Y2-DN
Ceramic Disc Capacitors
Sarfety, Class X1/Y2 400/250 V (AC)
Series DN
Vishay BCcomponents
Notes
1.
Cumulative pitch error: ±
≤ 1 mm/20 pitches
2.
Obliquity maximum 3
°
P
2
P
D
P1
d
W1
W0
W2
W
H0
H1
D0
P0
direction of unreeling
A
t
detail A
Δh
Δh
ΔP
ΔP
t1
F
e
L
Δs
Δs
Kinked capacitors on tape, lead spacing 7.5 mm (0.30
")
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS
(mm)
NOMINAL
TOLERANCE
D
body diameter
14.0 max.
-
d
lead diameter
0.6
± 0.05
P
pitch between capacitors
15
± 1.0
P0
feed-hole pitch
15
± 0.3; note 1
ΔP
plane deviation
1.0 max.
-
P1
feed-hole centre to lead centre
3.75
± 0.7; note 2
P2
feed-hole centre to component centre
7.5
± 1.3; note 2
F
lead spacing
7.5
+ 0.6/- 0.4
Δh
component alignment
0
± 1.0
W
tape width
18.0
+ 1.0
- 0.5
W0
hold-down tape width
5.0 min.
-
W1
hole position
9.0
+ 0.75
- 0.5
W2
hold-down tape margin
3.0 max.
-
H0
height to seating plane
16.0
± 0.5
H1
maximum component height
40
-
e
lead end protrusion
1.0 max.
-
L
maximum length of snipped lead
11.0
-
D0
feed-hole diameter
4.0
± 0.2
t
total tape thickness
0.9 max.
t1
maximum thickness of tape and wires
1.5 max.


Similar Part No. - RFIY2-DN

ManufacturerPart #DatasheetDescription
logo
3M Electronics
RFIC10 3M-RFIC10 Datasheet
100Kb / 3P
   3M Flux Field Directional Materials RFIC Series
RFIC15 3M-RFIC15 Datasheet
100Kb / 3P
   3M Flux Field Directional Materials RFIC Series
RFIC20 3M-RFIC20 Datasheet
100Kb / 3P
   3M Flux Field Directional Materials RFIC Series
RFIC25 3M-RFIC25 Datasheet
100Kb / 3P
   3M Flux Field Directional Materials RFIC Series
RFIC30 3M-RFIC30 Datasheet
100Kb / 3P
   3M Flux Field Directional Materials RFIC Series
More results

Similar Description - RFIY2-DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO VISHAY-WYO Datasheet
327Kb / 3P
   Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
Revision: 31-Jan-06
25Y VISHAY-25Y Datasheet
169Kb / 7P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC
01-Jan-2022
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
30LV VISHAY-30LV Datasheet
169Kb / 9P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
01-Jan-2022
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
   CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Dubilier
WD2Y DUBILIER-WD2Y Datasheet
167Kb / 1P
   SAFETY Y2 CLASS DISC
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com