Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR-2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. IR-2
Description  Inductors Epoxy Conformal Coated Uniform Roll Coated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IR-2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IR-2 Datasheet HTML 1Page - Vishay Siliconix IR-2 Datasheet HTML 2Page - Vishay Siliconix IR-2 Datasheet HTML 3Page - Vishay Siliconix IR-2 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IR
Vishay Dale
Inductors, Epoxy Conformal Coated, Uniform Roll Coated
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34054
30
Revision: 31-Jan-06
* Measured with full length lead.
** Rated DC Current based on maximum temperature rise as shown in table.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(µH)
TOL.
Q
MIN.
TEST FREQ.
L & Q
(MHz)
SELF-RESONANT*
FREQ MIN.
(MHz)
DCR
MAX.
(Ohms)
RATED DC**
CURRENT
(mA)
IR-4
5.6
± 10 %
45
7.9
60.0
32.0
495
IR-4
6.8
± 10 %
50
7.9
55.0
0.50
395
IR-4
8.2
± 10 %
50
7.9
50.0
0.60
360
IR-4
10.0
± 10 %
55
7.9
45.0
0.90
290
IR-4
12.0
± 10 %
65
2.5
42.0
1.10
265
IR-4
15.0
± 10 %
65
2.5
40.0
1.40
240
IR-4
18.0
± 10 %
75
2.5
34.0
2.25
185
IR-4
22.0
± 10 %
75
2.5
30.0
2.50
175
IR-4
27.0
± 10 %
60
2.5
25.0
2.60
170
IR-4
33.0
± 10 %
65
2.5
19.0
3.0
165
IR-4
36.0
± 5 %
60
2.5
15.5
2.50
180
IR-4
39.0
± 5 %
60
2.5
14.5
2.60
176
IR-4
43.0
± 5 %
60
2.5
13.7
2.70
172
IR-4
47.0
± 5 %
55
2.5
13.0
2.75
170
IR-4
51.0
± 5 %
55
2.5
12.7
2.85
167
IR-4
56.0
± 5 %
55
2.5
12.0
3.0
164
IR-4
62.0
± 5 %
55
2.5
11.5
3.15
160
IR-4
68.0
± 5 %
55
2.5
11.0
3.30
156
IR-4
75.0
± 5 %
55
2.5
10.5
3.70
147
IR-4
82.0
± 5 %
50
2.5
10.3
3.90
143
IR-4
91.0
± 5 %
50
2.5
10.0
4.30
136
IR-4
100.0
± 5 %
50
2.5
9.5
4.50
133
IR-4
110.0
± 5 %
60
0.79
8.9
4.90
128
IR-4
120.0
± 5 %
65
0.79
8.7
5.20
124
IR-4
130.0
± 5 %
65
0.79
8.5
5.45
121
IR-4
150.0
± 5 %
65
0.79
8.0
6.05
114
IR-4
160.0
± 5 %
65
0.79
7.5
6.40
111
IR-4
180.0
± 5 %
65
0.79
7.0
6.75
108
IR-4
200.0
± 5 %
65
0.79
6.5
7.10
106
IR-4
220.0
± 5 %
65
0.79
6.2
7.45
103
IR-4
240.0
± 5 %
65
0.79
5.9
7.80
101
IR-4
270.0
± 5 %
65
0.79
5.7
11.0
129
IR-4
300.0
± 5 %
65
0.79
5.4
11.5
125
IR-4
330.0
± 5 %
65
0.79
5.1
12.0
123
IR-4
360.0
± 5 %
65
0.79
4.8
15.5
108
IR-4
390.0
± 5 %
65
0.79
4.5
16.3
105
IR-4
430.0
± 5 %
65
0.79
4.2
17.1
102
IR-4
470.0
± 5 %
65
0.79
3.9
17.9
100
IR-4
510.0
± 5 %
65
0.79
3.7
18.8
98
IR-4
560.0
± 5 %
65
0.79
3.5
24.7
85
IR-4
620.0
± 5 %
65
0.79
3.3
25.9
83
IR-4
680.0
± 5 %
55
0.79
3.1
27.2
81
IR-4
750.0
± 5 %
55
0.79
2.9
28.6
79
IR-4
820.0
± 5 %
55
0.79
2.7
30.0
77
IR-4
910.0
± 5 %
55
0.79
2.5
31.5
76
IR-4
1000.0
± 5 %
55
0.79
2.3
33.1
74
IR-4
1100.0
± 5 %
30
0.25
2.1
43.5
64
IR-4
1200.0
± 5 %
30
0.25
2.0
45.7
63
IR-4
1300.0
± 5 %
30
0.25
1.9
49.0
61
IR-4
1500.0
± 5 %
30
0.25
1.8
52.5
59
IR-4
1600.0
± 5 %
30
0.25
1.7
54.0
58
IR-4
1800.0
± 5 %
30
0.25
1.6
56.7
56
DESCRIPTION
IR-2
10 µH
± 10 %
ER
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER INFORMATION
MODEL
PACKING CODE
INDUCTANCE VALUE
TOL.
I
R
0
2
E
R
1
0
0
K


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn