Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IHB1EB100K Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. IHB1EB100K
Description  Filter Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

IHB1EB100K Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IHB
Vishay Dale
Filter Inductors
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34015
44
Revision: 27-Feb-06
MODEL IHB-6
4.7
± 20 %
0.002
35.0
1.43 [36.32]
0.102 [2.59]
560.0
± 10 %
0.068
13.5
1.35 [34.29]
0.057 [1.45]
5.6
± 20 %
0.002
35.0
1.43 [36.32]
0.102 [2.59]
680.0
± 10 %
0.094
11.4
1.33 [33.78]
0.051 [1.29]
6.8
± 20 %
0.003
35.0
1.43 [36.32]
0.102 [2.59]
820.0
± 10 %
0.104
11.4
1.33 [33.78]
0.051 [1.29]
8.2
± 20 %
0.003
35.0
1.43 [36.32]
0.102 [2.59]
1000.0
± 10 %
0.143
9.0
1.31 [33.27]
0.045 [1.15]
10.0
± 10 %
0.003
35.0
1.43 [36.32]
0.102 [2.59]
1200.0
± 10 %
0.156
9.0
1.40 [35.56]
0.045 [1.15]
12.0
± 10 %
0.004
35.0
1.43 [36.32]
0.102 [2.59]
1500.0
± 10 %
0.219
7.2
1.37 [34.80]
0.040 [1.02]
15.0
± 10 %
0.004
35.0
1.43 [36.32]
0.102 [2.59]
1800.0
± 10 %
0.241
7.2
1.37 [34.80]
0.040 [1.02]
18.0
± 10 %
0.005
35.0
1.43 [36.32]
0.102 [2.59]
2200.0
± 10 %
0.270
7.2
1.37 [34.80]
0.040 [1.02]
22.0
± 10 %
0.005
35.0
1.43 [36.32]
0.102 [2.59]
2700.0
± 10 %
0.364
5.5
1.34 [34.04]
0.036 [0.912]
27.0
± 10 %
0.006
35.0
1.43 [36.32]
0.102 [2.59]
3300.0
± 10 %
0.498
4.5
1.32 [33.53]
0.032 [0.812]
33.0
± 10 %
0.006
35.0
1.43 [36.32]
0.102 [2.59]
3900.0
± 10 %
0.548
4.5
1.32 [33.53]
0.032 [0.812]
39.0
± 10 %
0.006
35.0
1.43 [36.32]
0.102 [2.59]
4700.0
± 10 %
0.608
4.5
1.32 [33.53]
0.032 [0.812]
47.0
± 10 %
0.008
35.0
1.53 [38.86]
0.102 [2.59]
5600.0
± 10 %
0.671
4.5
1.38 [35.05]
0.032 [0.812]
56.0
± 10 %
0.009
35.0
1.53 [38.86]
0.102 [2.59]
6800.0
± 10 %
0.750
4.5
1.38 [35.05]
0.032 [0.812]
68.0
± 10 %
0.009
35.0
1.53 [38.86]
0.102 [2.59]
8200.0
± 10 %
1.030
4.0
1.35 [34.29]
0.028 [0.723]
82.0
± 10 %
0.010
35.0
1.53 [38.86]
0.102 [2.59]
10000.0 ± 10 %
1.160
4.0
1.35 [34.29]
0.028 [0.723]
100.0
± 10 %
0.014
27.0
1.45 [36.83]
0.081 [2.05]
12000.0 ± 10 %
1.540
2.8
1.33 [33.78]
0.025 [0.644]
120.0
± 10 %
0.015
27.0
1.45 [36.83]
0.081 [2.05]
15000.0 ± 10 %
1.750
2.8
1.33 [33.78]
0.025 [0.644]
150.0
± 10 %
0.023
21.0
1.41 [35.81]
0.072 [1.83]
18000.0 ± 10 %
1.940
2.8
1.38 [35.05]
0.025 [0.644]
180.0
± 10 %
0.025
21.0
1.41 [35.81]
0.072 [1.83]
22000.0 ± 10 %
2.740
2.0
1.36 [34.54]
0.023 [0.573]
220.0
± 10 %
0.028
21.0
1.41 [35.81]
0.072 [1.83]
27000.0 ± 10 %
3.710
1.7
1.33 [33.78]
0.020 [0.510]
270.0
± 10 %
0.030
21.0
1.41 [35.81]
0.072 [1.83]
33000.0 ± 10 %
4.160
1.7
1.33 [33.78]
0.020 [0.510]
330.0
± 10 %
0.040
17.0
1.38 [35.05]
0.064 [1.63]
39000.0 ± 10 %
5.550
1.4
1.31 [33.27]
0.018 [0.455]
390.0
± 10 %
0.055
13.5
1.35 [34.29]
0.057 [1.45]
47000.0 ± 10 %
6.190
1.4
1.34 [34.04]
0.018 [0.455]
470.0
± 10 %
0.061
13.5
1.35 [34.29]
0.057 [1.45]
MARKING
- Model
- Value
- Date code
ORDERING INFORMATION
IHB-1
10 µH
± 10 %
EB
e2
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD
(Pb)-FREE
STANDARD
STANDARD ELECTRICAL SPECIFICATIONS
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Amps)
APPROX.
LEAD "E"
SPACING
MAXIMUM
LEAD "F"
DIAMETER
IND.
at 1 kHz
(µH)
TOL.
DCR
MAX.
(Ohms)
RATED
CURRENT
(Amps)
APPROX.
LEAD "E"
SPACING
MAXIMUM
LEAD "F"
DIAMETER
GLOBAL PART NUMBER INFORMATION
MODEL
1
B
H
IB
E
PACKING
CODE
1
0
0
INDUCTANCE
VALUE
K
TOL.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BX8153ADSL FREQUENCY FILTER INDUCTORS 1 2 Pulse A Technitrol Company
IH-15_06Filter Inductors 1 2 Vishay Siliconix
IHAFilter Inductors 1 2 Vishay Siliconix
7191ADSL Filter Inductors 1 Filtran LTD
D01-1000-00-XXRadial Lead Filter Inductors 1 ice Components, Ins.
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
IHM-2_06Filter Inductors 1 2 Vishay Siliconix
IHVFilter Inductors High Current 1 2 3 Vishay Siliconix
TE_TDFilter Inductors 1 2 3 4 5 MoreVishay Siliconix
NUF3101FCThree Line EMI Filter 1 2 3 4 ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn