Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLU560 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RLU560
Description  Ceramic Disc Capacitors, Class 1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLU560 Datasheet(HTML) 1 Page - Vishay Siliconix

  RLU560 Datasheet HTML 1Page - Vishay Siliconix RLU560 Datasheet HTML 2Page - Vishay Siliconix RLU560 Datasheet HTML 3Page - Vishay Siliconix RLU560 Datasheet HTML 4Page - Vishay Siliconix RLU560 Datasheet HTML 5Page - Vishay Siliconix RLU560 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22113
20
Revision: 31-Jan-06
RL.
Vishay Draloric
Ceramic Disc Capacitors, Class 1
* Dimensions in mm
COATING:
Phenol resin, dipped
TEMPERATURE COEFFICIENT OF CAPACITANCE:
See diagrams in General Information
Other ceramic dielectrics are available on request
TAPING AND SPECIAL LEAD CONFIGURATIONS:
On request
DESIGN:
Disc capacitors with phenol resin coating
RATED VOLTAGE UR:
500 VDC
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test
1250 VDC 2 s
DISSIPATION FACTOR tan
δ:
C < pF : see note in General Information
C < 30 pF :
• 10-4
C
≥ 30 pF : ≤ 10 • 10-4
INSULATION RESISTANCE Ris:
≥ 1 • 1010 Ω
MARKING:
Capacitance value
Code acc. IEC 60062
Capacitance tolerance
with letter code
Ceramic dielectric
with colour band or letter code
(see General Information)
CATEGORY TEMPERATURE RANGE
ϑ
A:
( - 40 to + 85) °C
CLIMATIC CATEGORY ACC. TO EN 60068-1:
40 / 085 / 21
Dmax.
Ø 0.6 ± 0.05
s max.
F ± 1
Partially resin coated
100
C
----------
7
+
⎝⎠
⎛⎞
ORDERING INFORMATION
RLA
927
C
AQ
BY0
S1
R
MODEL
CAPACITANCE
VALUE
TOLERANCE
RATED
VOLTAGE
LEAD
CONFIGURATION
INTERNAL
CODE
RoHS
COMPLIANT
RoHS
COMPLIANT


Similar Part No. - RLU560

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLU385-2-30 ETC1-RLU385-2-30 Datasheet
80Kb / 1P
   385 nm Ultra Violet LED
logo
Roithner LaserTechnik G...
RLU395-8-30 ROITHNER-RLU395-8-30 Datasheet
71Kb / 1P
   395 nm Ultra Violet LED
RLU4116E ROITHNER-RLU4116E Datasheet
827Kb / 4P
   Ultra Violet Radiation Source
More results

Similar Description - RLU560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
RFE international
1SL101J500A54B RFE-1SL101J500A54B Datasheet
633Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 1 Series: Temperature Compensating
2022.07.08
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
D101G29C0GH63L2R VISHAY-D101G29C0GH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com