Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD615-4X006 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILD615-4X006
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD615-4X006 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILD615-4X006 Datasheet HTML 1Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 2Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 3Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 4Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 5Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 6Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 7Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 8Page - Vishay Siliconix ILD615-4X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 83652
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
3
ILD615/ILQ615
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
COUPLER
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Junction temperature
Tj
100
°C
Soldering temperature (2)
2.0 mm distance from case bottom
Tsld
260
°C
Package power dissipation ILD615
400
mW
Derate linearly from 25 °C
5.33
mW/°C
Package power dissipation ILQ615
500
mW
Derate linearly from 25 °C
6.67
mW/°C
Isolation test voltage
t = 1.0 s
VISO
5300
VRMS
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 10 mA
VF
1.0
1.15
1.3
V
Breakdown voltage
IR = 10 µA
VBR
6.0
30
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance, junction to lead
RTHJL
750
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector emitter leakage current, -1, -2
VCE = 10 V
ICEO
2.0
50
nA
Collector emitter leakage current, -3, -4
VCE = 10 V
ICEO
5.0
100
nA
Collector emitter breakdown voltage
ICE = 0.5 mA
BVCEO
70
V
Emitter collector breakdown voltage
IE = 0.1 mA
BVECO
7.0
V
Thermal resistance, junction to lead
RTHJL
500
K/W
PACKAGE TRANSFER CHARACTERISTICS
Channel/channel CTR match
IF = 10 mA, VCE = 5.0 V
CTRX/CTRY
1 to 1
2 to 1
COUPLER
Capacitance (input to output)
VIO = 0 V, f = 1.0 MHz
CIO
0.8
pF
Insulation resistance
VIO = 500 V, TA = 25 °C
RS
1012
1014
Ω
Channel to channel isolation
500
VAC
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT


Similar Part No. - ILD615-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD615-4X006 VISHAY-ILD615-4X006 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD615-4X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com