Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ615-1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILQ615-1
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ615-1 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILQ615-1 Datasheet HTML 1Page - Vishay Siliconix ILQ615-1 Datasheet HTML 2Page - Vishay Siliconix ILQ615-1 Datasheet HTML 3Page - Vishay Siliconix ILQ615-1 Datasheet HTML 4Page - Vishay Siliconix ILQ615-1 Datasheet HTML 5Page - Vishay Siliconix ILQ615-1 Datasheet HTML 6Page - Vishay Siliconix ILQ615-1 Datasheet HTML 7Page - Vishay Siliconix ILQ615-1 Datasheet HTML 8Page - Vishay Siliconix ILQ615-1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83652
4
Rev. 1.5, 20-Dec-07
ILD615/ILQ615
Vishay Semiconductors
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
(collector emitter saturated)
IF = 10 mA, VCE = 0.4 V
ILD615-1
CTRCEsat
25
%
ILQ615-1
ILD615-2
CTRCEsat
40
%
ILQ615-2
ILD615-3
CTRCEsat
60
%
ILQ615-3
ILD615-4
CTRCEsat
100
%
ILQ615-4
Current transfer ratio
(collector emitter)
IF = 1.0 mA, VCE = 5.0 V
ILD615-1
CTRCE
13
30
%
ILQ615-1
ILD615-2
CTRCE
22
45
%
ILQ615-2
ILD615-3
CTRCE
34
70
%
ILQ615-3
ILD615-4
CTRCE
56
90
%
ILQ615-4
IF = 10 mA, VCE = 5.0 V
ILD615-1
CTRCE
40
60
80
%
ILQ615-1
ILD615-2
CTRCE
63
80
125
%
ILQ615-2
ILD615-3
CTRCE
100
150
200
%
ILQ615-3
ILD615-4
CTRCE
160
200
320
%
ILQ615-4
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
IF
10
mA
Turn-on time
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
ton
3.0
µs
Rise time
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tr
2.0
µs
Turn-off time
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
toff
2.3
µs
Fall time
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tf
2.0
µs
Propagation H to L
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tPHL
1.1
µs
Propagation L to H
VCC = 5.0 V, RL = 75 Ω, 50 % of VPP
tPLH
2.5
µs
SATURATED
Current
VCC = 5.0 V, RL = 1.0 kΩ,
VTH = 1.5 V
ILD615-1
IF
20
mA
ILQ615-1
ILD615-2
IF
10
mA
ILQ615-2
ILD615-3
IF
10
mA
ILQ615-3
ILD615-4
IF
5.0
mA
ILQ615-4


Similar Part No. - ILQ615-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ615-1 SIEMENS-ILQ615-1 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ615-1 VISHAY-ILQ615-1 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
ILQ615-1 VISHAY-ILQ615-1 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615-1X009 VISHAY-ILQ615-1X009 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ615-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com